Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 132Page - Microchip Technology PIC16F636ESS Datasheet HTML 133Page - Microchip Technology PIC16F636ESS Datasheet HTML 134Page - Microchip Technology PIC16F636ESS Datasheet HTML 135Page - Microchip Technology PIC16F636ESS Datasheet HTML 136Page - Microchip Technology PIC16F636ESS Datasheet HTML 137Page - Microchip Technology PIC16F636ESS Datasheet HTML 138Page - Microchip Technology PIC16F636ESS Datasheet HTML 139Page - Microchip Technology PIC16F636ESS Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 134
© 2007 Microchip Technology Inc.
12.6
Brown-out Reset (BOR)
The BOREN0 and BOREN1 bits in the Configuration
Word register select one of four BOR modes. Two
modes have been added to allow software or hardware
control of the BOR enable. When BOREN<1:0> = 01,
the SBOREN bit of the PCON register enables/disables
the BOR allowing it to be controlled in software. By
selecting BOREN<1:0>, the BOR is automatically
disabled in Sleep to conserve power and enabled on
wake-up. In this mode, the SBOREN bit is disabled. See
Register 12-1 for the Configuration Word definition.
If VDD falls below VBOD for greater than parameter
(TBOD) (see Section 15.0 “Electrical Specifications”),
the Brown-out situation will reset the device. This will
occur regardless of VDD slew rate. A Reset is not
ensured to occur if VDD falls below VBOD for less than
parameter (TBOD).
On any Reset (Power-on, Brown-out Reset, Watchdog
Timer, etc.), the chip will remain in Reset until VDD rises
above VBOD (see Figure 12-3). The Power-up Timer
will now be invoked, if enabled and will keep the chip in
Reset an additional nominal 64 ms.
If VDD drops below VBOD while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOD, the Power-up Timer will execute a
64 ms Reset.
FIGURE 12-3:
BROWN-OUT RESET SITUATIONS
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word
register.
64 ms(1)
VBOD
VDD
Internal
Reset
VBOD
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOD
VDD
Internal
Reset
Note 1:
Nominal 64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com