Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 137Page - Microchip Technology PIC16F636ESS Datasheet HTML 138Page - Microchip Technology PIC16F636ESS Datasheet HTML 139Page - Microchip Technology PIC16F636ESS Datasheet HTML 140Page - Microchip Technology PIC16F636ESS Datasheet HTML 141Page - Microchip Technology PIC16F636ESS Datasheet HTML 142Page - Microchip Technology PIC16F636ESS Datasheet HTML 143Page - Microchip Technology PIC16F636ESS Datasheet HTML 144Page - Microchip Technology PIC16F636ESS Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 139
PIC12F635/PIC16F636/639
12.9
Interrupts
The PIC12F635/PIC16F636/639 has multiple interrupt
sources:
• External Interrupt RA2/INT
• Timer0 Overflow Interrupt
• PORTA Change Interrupts
• 2 Comparator Interrupts
• Timer1 Overflow Interrupt
• EEPROM Data Write Interrupt
• Fail-Safe Clock Monitor Interrupt
The Interrupt Control register (INTCON) and Peripheral
Interrupt Request Register 1 (PIR1) record individual
interrupt requests in flag bits. The INTCON register
also has individual and global interrupt enable bits.
A Global Interrupt Enable bit GIE of the INTCON regis-
ter enables (if set) all unmasked interrupts, or disables
(if cleared) all interrupts. Individual interrupts can be
disabled through their corresponding enable bits in the
INTCON register and PIE1 register. GIE is cleared on
Reset.
The Return from Interrupt instruction, RETFIE, exits
the interrupt routine, as well as sets the GIE bit, which
re-enables unmasked interrupts.
The following interrupt flags are contained in the
INTCON register:
• INT Pin Interrupt
• PORTA Change Interrupt
• TMR0 Overflow Interrupt
The peripheral interrupt flags are contained in the
special register, PIR1. The corresponding interrupt
enable bit is contained in special register, PIE1.
The following interrupt flags are contained in the PIR1
register:
• EEPROM Data Write Interrupt
• 2 Comparator Interrupts
• Timer1 Overflow Interrupt
• Fail-Safe Clock Monitor Interrupt
When an interrupt is serviced:
• The GIE is cleared to disable any further interrupt.
• The return address is pushed onto the stack.
• The PC is loaded with 0004h.
For external interrupt events, such as the INT pin or
PORTA change interrupt, the interrupt latency will be
three or four instruction cycles. The exact latency
depends upon when the interrupt event occurs (see
Figure 12-8). The latency is the same for one or
two-cycle instructions. Once in the Interrupt Service
Routine, the source(s) of the interrupt can be
determined by polling the interrupt flag bits. The
interrupt flag bit(s) must be cleared in software before
re-enabling interrupts to avoid multiple interrupt
requests.
For additional information on Timer1, comparators or
data EEPROM modules, refer to the respective
peripheral section.
12.9.1
RA2/INT INTERRUPT
External interrupt on RA2/INT pin is edge-triggered;
either rising if the INTEDG bit of the OPTION register is
set, or falling if the INTEDG bit is clear. When a valid
edge appears on the RA2/INT pin, the INTF bit of the
INTCON register is set. This interrupt can be disabled
by clearing the INTE control bit of the INTCON register.
The INTF bit must be cleared in software in the Interrupt
Service Routine before re-enabling this interrupt. The
RA2/INT interrupt can wake-up the processor from
Sleep if the INTE bit was set prior to going into Sleep.
The status of the GIE bit decides whether or not the
processor branches to the interrupt vector following
wake-up (0004h). See Section 12.12 “Power-Down
Mode (Sleep)” for details on Sleep and Figure 12-10 for
timing of wake-up from Sleep through RA2/INT interrupt.
Note 1: Individual interrupt flag bits are set,
regardless
of
the
status
of
their
corresponding mask bit or the GIE bit.
2: When an instruction that clears the GIE
bit is executed, any interrupts that were
pending for execution in the next cycle
are ignored. The interrupts, which were
ignored, are still pending to be serviced
when the GIE bit is set again.
Note:
The CMCON0 (19h) register must be
initialized to configure an analog channel
as a digital input. Pins configured as
analog inputs will read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com