Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 140Page - Microchip Technology PIC16F636ESS Datasheet HTML 141Page - Microchip Technology PIC16F636ESS Datasheet HTML 142Page - Microchip Technology PIC16F636ESS Datasheet HTML 143Page - Microchip Technology PIC16F636ESS Datasheet HTML 144Page - Microchip Technology PIC16F636ESS Datasheet HTML 145Page - Microchip Technology PIC16F636ESS Datasheet HTML 146Page - Microchip Technology PIC16F636ESS Datasheet HTML 147Page - Microchip Technology PIC16F636ESS Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 142
© 2007 Microchip Technology Inc.
12.10 Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (e.g., W and STATUS
registers). This must be implemented in software.
Since the lower 16 bytes of all banks are common in the
PIC12F635/PIC16F636/639 (see Figure 2-2), temporary
holding registers, W_TEMP and STATUS_TEMP, should
be placed in here. These 16 locations do not require
banking and therefore, make it easier to context save and
restore. The same code shown in Example 12-1 can be
used to:
• Store the W register.
• Store the STATUS register.
• Execute the ISR code.
• Restore the Status (and Bank Select Bit register).
• Restore the W register.
EXAMPLE 12-1:
SAVING STATUS AND W REGISTERS IN RAM
Note:
The PIC12F635/PIC16F636/639 normally
does not require saving the PCLATH.
However, if computed GOTO’s are used in
the ISR and the main code, the PCLATH
must be saved and restored in the ISR.
MOVWF
W_TEMP
;Copy W to TEMP register
SWAPF
STATUS,W
;Swap status to be saved into W
;Swaps are used because they do not affect the status bits
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
:
:(ISR)
;Insert user code here
:
SWAPF
STATUS_TEMP,W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP,F
;Swap W_TEMP
SWAPF
W_TEMP,W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com