Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 153Page - Microchip Technology PIC16F636ESS Datasheet HTML 154Page - Microchip Technology PIC16F636ESS Datasheet HTML 155Page - Microchip Technology PIC16F636ESS Datasheet HTML 156Page - Microchip Technology PIC16F636ESS Datasheet HTML 157Page - Microchip Technology PIC16F636ESS Datasheet HTML 158Page - Microchip Technology PIC16F636ESS Datasheet HTML 159Page - Microchip Technology PIC16F636ESS Datasheet HTML 160Page - Microchip Technology PIC16F636ESS Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 155
PIC12F635/PIC16F636/639
RETFIE
Return from Interrupt
Syntax:
[ label ]
RETFIE
Operands:
None
Operation:
TOS
→ PC,
1
→ GIE
Status Affected:
None
Description:
Return from Interrupt. Stack is
POPed and Top-of-Stack (TOS) is
loaded in the PC. Interrupts are
enabled by setting Global
Interrupt Enable bit, GIE
(INTCON<7>). This is a two-cycle
instruction.
Words:
1
Cycles:
2
Example:
RETFIE
After Interrupt
PC =
TOS
GIE =
1
RETLW
Return with literal in W
Syntax:
[ label ]
RETLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W);
TOS
→ PC
Status Affected:
None
Description:
The W register is loaded with the
eight-bit literal ‘k’. The program
counter is loaded from the top of
the stack (the return address).
This is a two-cycle instruction.
Words:
1
Cycles:
2
Example:
TABLE
CALL TABLE;W contains
table
;offset value
•
;W now has table value
•
•
ADDWF PC
;W = offset
RETLW k1
;Begin table
RETLW k2 ;
•
•
•
RETLW kn
; End of table
Before Instruction
W
=
0x07
After Instruction
W
=
value of k8
RETURN
Return from Subroutine
Syntax:
[ label ]
RETURN
Operands:
None
Operation:
TOS
→ PC
Status Affected:
None
Description:
Return from subroutine. The stack
is POPed and the top of the stack
(TOS) is loaded into the program
counter. This is a two-cycle
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com