Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 155Page - Microchip Technology PIC16F636ESS Datasheet HTML 156Page - Microchip Technology PIC16F636ESS Datasheet HTML 157Page - Microchip Technology PIC16F636ESS Datasheet HTML 158Page - Microchip Technology PIC16F636ESS Datasheet HTML 159Page - Microchip Technology PIC16F636ESS Datasheet HTML 160Page - Microchip Technology PIC16F636ESS Datasheet HTML 161Page - Microchip Technology PIC16F636ESS Datasheet HTML 162Page - Microchip Technology PIC16F636ESS Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 157
PIC12F635/PIC16F636/639
SUBWF
Subtract W from f
Syntax:
[ label ] SUBWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - (W)
→ (destination)
Status Affected: C, DC, Z
Description:
Subtract (2’s complement method)
W register from register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f.
SWAPF
Swap Nibbles in f
Syntax:
[ label ] SWAPF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f<3:0>)
→ (destination<7:4>),
(f<7:4>)
→ (destination<3:0>)
Status Affected:
None
Description:
The upper and lower nibbles of
register ‘f’ are exchanged. If ‘d’ is
‘0’, the result is placed in the W
register. If ‘d’ is ‘1’, the result is
placed in register ‘f’.
C = 0
W
> f
C = 1
W
≤ f
DC = 0
W<3:0>
> f<3:0>
DC = 1
W<3:0>
≤ f<3:0>
XORLW
Exclusive OR literal with W
Syntax:
[ label ] XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Description:
The contents of the W register
are XOR’ed with the eight-bit
literal ‘k’. The result is placed in
the W register.
XORWF
Exclusive OR W with f
Syntax:
[ label ] XORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com