Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 185Page - Microchip Technology PIC16F636ESS Datasheet HTML 186Page - Microchip Technology PIC16F636ESS Datasheet HTML 187Page - Microchip Technology PIC16F636ESS Datasheet HTML 188Page - Microchip Technology PIC16F636ESS Datasheet HTML 189Page - Microchip Technology PIC16F636ESS Datasheet HTML 190Page - Microchip Technology PIC16F636ESS Datasheet HTML 191Page - Microchip Technology PIC16F636ESS Datasheet HTML 192Page - Microchip Technology PIC16F636ESS Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 187
PIC12F635/PIC16F636/639
15.11 AC Characteristics: Analog Front-End for PIC16F639 (Industrial)
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TAMB ≤ +85°C for industrial
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Param
No.
Sym.
Characteristic
Min
Typ†
Max
Units
Conditions
AF01
VSENSE
LC Input Sensitivity
13.0
6
mVPP
VDD = 3.0V
Output enable filter disabled
AGCSIG = 0; MODMIN = 00
(33% modulation depth setting)
Input = Continuous Wave (CW)
Output = Logic level transition from low-to-
high at sensitivity level for CW input.
AF02
VDE_Q
Coil de-Q’ing Voltage -
RF Limiter (RFLM) must be active
3—
5
V
VDD = 3.0V, Force IIN = 5
μA
AF03
RFLM
RF Limiter Turn-on Resistance
(LCX, LCY, LCZ)
—
300
700
Ohm
VDD = 2.0V, VIN = 8 VDC
AF04
SADJ
Sensitivity Reduction
—
—
0
-30
—
—
dB
dB
VDD = 3.0V
No sensitivity reduction selected
Max reduction selected
Monotonic increment in attenuation value from
setting = 0000 to 1111 by design
AF05
VIN_MOD
Minimum Modulation Depth
75% ± 12%
50% ± 12%
25% ± 12%
12% ± 12%
63
38
13
0
75
50
25
12
87
62
37
24
%
%
%
%
VDD = 3.0V
AF06
CTUNX
LCX Tuning Capacitor
—
44
0
63
—
82
pF
pF
VDD = 3.0V,
Config. Reg. 1, bits <6:1> Setting = 000000
63 pF +/- 30%
Config. Reg. 1, bits <6:1> Setting = 111111
63 steps, 1 pF/step
Monotonic increment in capacitor value from
setting = 000000 to 111111 by design
AF07
CTUNY
LCY Tuning Capacitor
—
44
0
63
—
82
pF
pF
VDD = 3.0V,
Config. Reg. 2, bits <6:1> Setting = 000000
63 pF +/- 30%
Config. Reg. 2, bits <6:1> Setting = 111111
63 steps, 1 pF/step
Monotonic increment in capacitor value from
setting = 000000 to 111111 by design
AF08
CTUNZ
LCZ Tuning Capacitor
—
44
0
63
—
82
pF
pF
VDD = 3.0V,
Config. Reg. 3, bits<6:1> Setting = 000000
63 pF +/- 30%
Config. Reg. 3, bits<6:1> Setting = 111111
63 steps, 1 pF/step
Monotonic increment in capacitor value from
setting = 000000 to 111111 by design
AF09
FCARRIER
Carrier frequency
—
125
—
kHz
Characterized at bench.
AF10
FMOD
Input modulation frequency
—
—
10
kHz
Input data rate, characterized at bench.
AF11
C_Q
Q of Trimming Capacitors
50*
—
—
pF
Characterized at bench test
AF12
TDR
Demodulator Charge Time
(delay time of demodulated output
to rise)
—50
—
μsVDD = 3.0V
MOD depth setting = 50%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 80%
AF13
TDF
Demodulator Discharge Time
(delay time of demodulated output
to fall)
—50
—
μsVDD = 3.0V
MOD depth setting = 50%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 80%
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
2:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com