Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 188Page - Microchip Technology PIC16F636ESS Datasheet HTML 189Page - Microchip Technology PIC16F636ESS Datasheet HTML 190Page - Microchip Technology PIC16F636ESS Datasheet HTML 191Page - Microchip Technology PIC16F636ESS Datasheet HTML 192Page - Microchip Technology PIC16F636ESS Datasheet HTML 193Page - Microchip Technology PIC16F636ESS Datasheet HTML 194Page - Microchip Technology PIC16F636ESS Datasheet HTML 195Page - Microchip Technology PIC16F636ESS Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 190
© 2007 Microchip Technology Inc.
15.12 SPI Timing: Analog Front-End (AFE) for PIC16F639
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TAMB ≤ +85°C for industrial
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Param
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
AF33
FSCLK
SCLK Frequency
—
—
3
MHz
AF34
Tcssc
CS fall to first SCLK edge
setup time
100
—
—
ns
AF35
TSU
SDI setup time
30
—
—
ns
AF36
THD
SDI hold time
50
—
—
ns
AF37
THI
SCLK high time
150
—
—
ns
AF38
TLO
SCLK low time
150
—
—
ns
AF39
TDO
SDO setup time
—
—
150
ns
AF40
TSCCS
SCLK last edge to CS rise
setup time
100
—
—
ns
AF41
TCSH
CS high time
500
—
—
ns
AF42
TCS1CS rise to SCLK edge setup
time
50
—
—
ns
AF43
TCS0
SCLK edge to CS fall setup
time
50
—
—
ns
SCLK edge when CS is high
AF44
TSPIR
Rise time of SPI data
(SPI Read command)
—10
—
ns
VDD
= 3.0V. Time is measured from 10%
to 90% of amplitude
AF45
TSPIF
Fall time of SPI data
(SPI Read command)
—10
—
ns
VDD
= 3.0V. Time is measured from 90%
to 10% of amplitude
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com