Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 190Page - Microchip Technology PIC16F636ESS Datasheet HTML 191Page - Microchip Technology PIC16F636ESS Datasheet HTML 192Page - Microchip Technology PIC16F636ESS Datasheet HTML 193Page - Microchip Technology PIC16F636ESS Datasheet HTML 194Page - Microchip Technology PIC16F636ESS Datasheet HTML 195Page - Microchip Technology PIC16F636ESS Datasheet HTML 196Page - Microchip Technology PIC16F636ESS Datasheet HTML 197Page - Microchip Technology PIC16F636ESS Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 192
© 2007 Microchip Technology Inc.
FIGURE 16-2:
MAXIMUM IDD vs. FOSC OVER VDD (EC MODE)
FIGURE 16-3:
TYPICAL IDD vs. FOSC OVER VDD (HS MODE)
EC Mode
3.0V
4.0V
5.0V
2.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 MHz
2 MHz
4 MHz
6 MHz
8 MHz
10 MHz
12 MHz
14 MHz
16 MHz
18 MHz
20 MHz
FOSC
5.5V
Typical: Statistical Mean @25°C
Maximum: Mean (Worst Case Temp) + 3
σ
(-40°C to 125°C)
Typical IDD vs FOSC Over Vdd
HS Mode
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4 MHz
10 MHz
16 MHz
20 MHz
FOSC
Typical: Statistical Mean @25°C
Maximum: Mean (Worst Case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com