Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220EB Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 6Page - Sipex Corporation SP3220EB Datasheet HTML 7Page - Sipex Corporation SP3220EB Datasheet HTML 8Page - Sipex Corporation SP3220EB Datasheet HTML 9Page - Sipex Corporation SP3220EB Datasheet HTML 10Page - Sipex Corporation SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
10
Figure 13. SP3220EB Driver Loopback Test Results at
250Kbps
Figure 14. SP3220EU Driver Loopback Test Results at
1Mbps
Figure 12. SP3220EB/EU Driver Loopback Test Circuit
SP3220EB/EU
GND
TxIN
TxOUT
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
LOGIC
INPUTS
VCC
5kΩ
RxIN
RxOUT
LOGIC
OUTPUTS
EN
*SHDN
(SP3220EB 1000pF)
(SP3220EU 250pF)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com