Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220EB Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 10Page - Sipex Corporation SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation SP3220EB Datasheet HTML 15Page - Sipex Corporation SP3220EB Datasheet HTML 16Page - Sipex Corporation SP3220EB Datasheet HTML 17Page - Sipex Corporation SP3220EB Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
14
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
Figure 20. ESD Test Circuit for Human Body Model
The Contact Discharge Method applies the ESD
current directly to the EUT. This method was
devised to reduce the unpredictability of the
ESD arc. The discharge current rise time is
constant since the energy is directly transfered
without the air-gap arc. In situations such as
hand held systems, the ESD charge can be
directly discharged to the equipment from a
person directly discharged to the equipment.
The current is transferred on to the keypad or the
serial port of the equipment directly and then
travels through the PCB and finally to the IC.
The circuit models in Figure 20 and 21 repre-
sent the typical ESD testing circuits used for all
three methods. The C
S is initially charged with
the DC power supply when the first switch
(SW1) is on. Now that the capacitor is charged,
the second switch (SW2) is on while SW1
switches off. The voltage stored in the capacitor
is then applied through R
S, the current limiting
resistor, onto the device under test (DUT). In
ESD tests, the SW2 switch is pulsed so that the
device under test recives a duration of voltage.
Figure 21. ESD Test Circuit for IEC1000-4-2
RS and RV add up to 330Ω for IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
RV
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com