Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220EB Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 7Page - Sipex Corporation SP3220EB Datasheet HTML 8Page - Sipex Corporation SP3220EB Datasheet HTML 9Page - Sipex Corporation SP3220EB Datasheet HTML 10Page - Sipex Corporation SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation SP3220EB Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
Table 2. Truth Table Logic for Shutdown and
Enable Control
N
D
H
SN
ET
U
O
x
TT
U
O
x
R
00
e
t
a
t
s
-
i
r
Te
v
i
t
c
A
01
e
t
a
t
s
-
i
r
Te
t
a
t
s
-
i
r
T
10
e
v
i
t
c
Ae
v
i
t
c
A
11
e
v
i
t
c
Ae
t
a
t
s
-
i
r
T
Receivers
The receiver converts EIA/TIA-232 levels to
TTL or CMOS logic output levels. The receiver
has an inverting high-impedance output. This
receiver output (RxOUT) is at high-impedance
when the enable control EN = HIGH. In the
shutdown mode, the receiver can be active or
inactive. EN has no effect on TxOUT. The truth
table logic of the SP3220EB/EU driver and
receiver outputs can be found in Table 2.
Since receiver input is usually from a transmission
line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV.
This ensures that the receiver is virtually
immune to noisy transmission lines. Should an
input be left unconnected, a 5k
Ω pulldown
resistor to ground will commit the output of the
receiver to a HIGH state.
Charge Pump
The charge pump is a Sipex–patented design
(U.S. 5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external
capacitors, but uses a four–phase voltage shifting
technique to attain symmetrical 5.5V power
supplies. The internal power supply consists of
a regulated dual charge pump that provides
output voltages 5.5V regardless of the input
voltage (V
CC) over the +3.0V to +5.5V range.
In most circumstances, decoupling the power
supply can be achieved adequately using a 0.1
µF
bypass capacitor at C5 (refer to Figures 11).
In applications that are sensitive to power-
supply noise, decouple V
CC to ground with a
capacitor of the same value as charge-pump
capacitor C1. Physically connect bypass
capacitors as close to the IC as possible.
The charge pumps operate in a discontinuous
mode using an internal oscillator. If the output
voltages are less than a magnitude of 5.5V, the
charge pumps are enabled. If the output voltage
exceed a magnitude of 5.5V, the charge pumps
are disabled. This oscillator controls the four
phases of the voltage shifting. A description of
each phase follows.
Phase 1
— V
SS charge storage — During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to VCC. Cl
+ is then
switched to GND and the charge in C
1
is
transferred to C
2
. Since C
2
+ is connected to V
CC,
the voltage potential across capacitor C
2 is now
2 times V
CC.
Phase 2
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to GND. This transfers a negative generated
voltage to C
3.
This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the voltage to
C
3, the positive side of capacitor C1 is switched
to V
CC and the negative side is connected to GND.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2.
Since C
2
+ is at V
CC, the
voltage potential across C
2 is 2 times VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com