Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220EB Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 8Page - Sipex Corporation SP3220EB Datasheet HTML 9Page - Sipex Corporation SP3220EB Datasheet HTML 10Page - Sipex Corporation SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation SP3220EB Datasheet HTML 15Page - Sipex Corporation SP3220EB Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
12
Phase 4
— V
DD transfer — The fourth phase of the clock
connects the negative terminal of C
2 to GND,
and transfers this positive generated voltage
across C
2 to C4, the VDD storage capacitor. This
voltage is regulated to +5.5V. At this voltage,
the internal oscillator is disabled. Simultaneous
with the transfer of the voltage to C
4, the positive
side of capacitor C
1 is switched to VCC and the
negative side is connected to GND, allowing the
charge pump cycle to begin again. The charge
pump cycle will continue as long as the
operational conditions for the internal oscillator
are present.
Since both V+ and V– are separately generated
from V
CC; in a no–load condition V
+ and V– will
be symmetrical. Older charge pump approaches
that generate V– from V+ will show a decrease in
the magnitude of V– compared to V+ due to the
inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at 250kHz. The external capacitors can
be as low as 0.1
µF with a 16V breakdown
voltage rating.
ESD Tolerance
The SP3220EB/EU device incorporates rugge-
dized ESD cells on all driver output and receiver
input pins. The ESD structure is improved over
our previous family for more rugged applications
and environments sensitive to electro-static
discharges and associated transients. The im-
proved ESD tolerance is at least ±15kV without
damage nor latch-up.
There are different methods of ESD testing applied:
a) MIL-STD-883, Method 3015.7
b)IEC1000-4-2 Air Discharge
c)IEC1000-4-2 Direct Contact
The Human Body Model has been the generally
accepted ESD testing method for semiconductors.
This method is also specified in MIL-STD-883,
Method 3015.7 for ESD testing. The premise of
this ESD test is to simulate the human body’s
potential to store electro-static energy and
discharge it to an integrated circuit. The
simulation is performed by using a test model as
shown in Figure 20. This method will test the
IC’s capability to withstand an ESD transient
during normal handling such as in manufacturing
areas where the ICs tend to be handled
frequently.
The IEC-1000-4-2, formerly IEC801-2, is gen-
erally used for testing ESD on equipment and
system manufacturers, they must guarantee a
certain amount of ESD protection since the
system itself is exposed to the outside enviroment
and human presence. The premise with IEC1000-
4-2 is that the system is required to withstand an
amount of static electricity when ESD is applied
to points and surfaces of the equipment that are
accesible to personnel during normal usage.
The transceiver IC receives most of the ESD
current when the ESD source is applied to the
connector pins. The test circuit for IEC-1000-4-
2 is shown in Figure 21. There are two methods
within IEC-4-2, the Air Discharge method and
the Contact Discharge method.
With the Air Discharge Method, an ESD voltage
is applied to the equipment under test (EUT)
trough air. This simulates an electrically charged
person ready to connect a cable onto the rear of
the system only to find an unpleasent zap just
before the person touches the back panel. The
high energy potential on the person discharges
through an arcing path to the rear panel system
before he or she even touches the system. This
energy, weather discharged directly or through air,
is predominantly a function of the discharge cur-
rent rather than the discharge voltage.
Variables with an air discharge such as ap-
proach speed of the object carrying the ESD
potential to the system and humidity will tend to
change the discharge current. For example, the
rise time of the discharge current varies with the
approach speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com