Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220EB Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 9Page - Sipex Corporation SP3220EB Datasheet HTML 10Page - Sipex Corporation SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation SP3220EB Datasheet HTML 15Page - Sipex Corporation SP3220EB Datasheet HTML 16Page - Sipex Corporation SP3220EB Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 15. Charge Pump — Phase 1
Figure 16. Charge Pump — Phase 2
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 17. Charge Pump Waveforms
Figure 18. Charge Pump — Phase 3
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 19. Charge Pump — Phase 4
Ch1 2.00V Ch2 2.00V M 1.00µs Ch1 5.48V
2
1
T
T
[]
T
+6V
a) C2+
b) C2-
GND
GND
-6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com