Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828EB2K5 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7828EB2K5
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB2K5 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7828EB2K5 Datasheet HTML 1Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 2Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 3Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 4Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 5Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 6Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 7Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 8Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADS7828
5
SBAS181C
www.ti.com
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
SCL Clock Frequency
fSCL
Standard Mode
100
kHz
Fast Mode
400
kHz
High-Speed Mode, CB = 100pF max
3.4
MHz
High-Speed Mode, CB = 400pF max
1.7
MHz
Bus Free Time Between a STOP and
tBUF
Standard Mode
4.7
µs
START Condition
Fast Mode
1.3
µs
Hold Time (Repeated) START
tHD;STA
Standard Mode
4.0
µs
Condition
Fast Mode
600
ns
High-Speed Mode
160
ns
LOW Period of the SCL Clock
tLOW
Standard Mode
4.7
µs
Fast Mode
1.3
µs
High-Speed Mode, CB = 100pF max(2)
160
ns
High-Speed Mode, CB = 400pF max(2)
320
ns
HIGH Period of the SCL Clock
tHIGH
Standard Mode
4.0
µs
Fast Mode
600
ns
High-Speed Mode, CB = 100pF max(2)
60
ns
High-Speed Mode, CB = 400pF max(2)
120
ns
Setup Time for a Repeated START
tSU;STA
Standard Mode
4.7
µs
Condition
Fast Mode
600
ns
High-Speed Mode
160
ns
Data Setup Time
tSU;DAT
Standard Mode
250
ns
Fast Mode
100
ns
High-Speed Mode
10
ns
Data Hold Time
tHD;DAT
Standard Mode
0
3.45
µs
Fast Mode
0
0.9
µs
High-Speed Mode, CB = 100pF max(2)
0(3)
70
ns
High-Speed Mode, CB = 400pF max(2)
0(3)
150
ns
Rise Time of SCL Signal
tRCL
Standard Mode
1000
ns
Fast Mode
20 + 0.1CB
300
ns
High-Speed Mode, CB = 100pF max(2)
10
40
ns
High-Speed Mode, CB = 400pF max(2)
20
80
ns
Rise Time of SCL Signal After a
tRCL1
Standard Mode
1000
ns
Repeated START Condition and
Fast Mode
20 + 0.1CB
300
ns
After an Acknowledge Bit
High-Speed Mode, CB = 100pF max(2)
10
80
ns
High-Speed Mode, CB = 400pF max(2)
20
160
ns
Fall Time of SCL Signal
tFCL
Standard Mode
300
ns
Fast Mode
20 + 0.1CB
300
ns
High-Speed Mode, CB = 100pF max(2)
10
40
ns
High-Speed Mode, CB = 400pF max(2)
20
80
ns
TIMING CHARACTERISTICS(1)
At TA = –40°C to +85°C, +VDD = +2.7V, unless otherwise noted.
TIMING DIAGRAM
t
R
t
BUF
t
LOW
t
F
t
HD; STA
t
SP
t
HD; STA
t
SU; STA
t
HD; DAT
t
SU; DAT
t
HIGH
t
SU; STO
SCL
SDA
START
REPEATED
START
STOP
NOTES: (1) All values referred to VIHMIN and VILMAX levels.
(2) For bus line loads CB between 100pF and 400pF the timing parameters must be linearly interpolated.
(3) A device must internally provide a data hold time to bridge the undefined part between VIH and VIL of the falling edge of the SCLH signal. An
input circuit with a threshold as low as possible for the falling edge of the SCLH signal minimizes this hold time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com