Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828EB2K5 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS7828EB2K5
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB2K5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7828EB2K5 Datasheet HTML 4Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 5Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 6Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 7Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 8Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 9Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 10Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 11Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADS7828
8
SBAS181C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = +25°C, VDD = +2.7V, VREF = External +2.5V, fSAMPLE = 50kHz, unless otherwise noted.
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–50
–25
0
25
50
75
100
Temperature (
°C)
CHANGE IN GAIN vs TEMPERATURE
2.51875
2.51250
2.50625
2.50000
2.49375
2.48750
2.48125
–50
–25
0
25
50
75
100
Temperature (
°C)
INTERNAL REFERENCE vs TEMPERATURE
750
600
450
300
150
0
–150
–50
–25
0
25
50
75
100
125
Temperature (
°C)
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
400
350
300
250
200
150
100
–50
–25
0
25
50
75
100
Temperature (
°C)
SUPPLY CURRENT vs TEMPERATURE
300
250
200
150
100
50
0
10
100
1k
10k
I2C Bus Rate (KHz)
SUPPLY CURRENT vs I2C BUS RATE
INTERNAL VREF vs TURN-ON TIME
0
200
400
600
800
1000
1200
1400
Turn-On Time (
µs)
100
80
60
40
20
0
No Cap
(42
µs)
12-Bit Settling
1
µF Cap
(1240
µs)
12-Bit Settling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com