Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828EB2K5 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS7828EB2K5
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB2K5 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS7828EB2K5 Datasheet HTML 11Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 12Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 13Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 14Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 15Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 16Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 17Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 18Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ADS7828
15
SBAS181C
www.ti.com
LAYOUT
For optimum performance, care should be taken with the
physical layout of the ADS7828 circuitry. The basic SAR
architecture is sensitive to glitches or sudden changes on the
power supply, reference, ground connections, and digital
inputs that occur just prior to latching the output of the analog
comparator. Therefore, during any single conversion for an
“n-bit” SAR converter, there are n “windows” in which large
external transient voltages can easily affect the conversion
result. Such glitches might originate from switching power
supplies, nearby digital logic, and high-power devices.
With this in mind, power to the ADS7828 should be clean and
well-bypassed. A 0.1
µF ceramic bypass capacitor should be
placed as close to the device as possible. A 1
µF to 10µF
capacitor may also be needed if the impedance of the
connection between +VDD and the power supply is high.
The ADS7828 architecture offers no inherent rejection of
noise or voltage variation in regards to using an external
reference input. This is of particular concern when the
reference input is tied to the power supply. Any noise and
ripple from the supply will appear directly in the digital results.
While high-frequency noise can be filtered out, voltage varia-
tion due to line frequency (50Hz or 60Hz) can be difficult to
remove.
The GND pin should be connected to a clean ground point.
In many cases, this will be the “analog” ground. Avoid
connections that are too near the grounding point of a
microcontroller or digital signal processor. The ideal layout
will include an analog ground plane dedicated to the con-
verter and associated analog circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com