Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828EB2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS7828EB2K5
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7828EB2K5 Datasheet HTML 5Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 6Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 7Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 8Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 9Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 10Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 11Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 12Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ADS7828
9
SBAS181C
www.ti.com
FIGURE 1. Simplified I/O of the ADS7828.
THEORY OF OPERATION
The ADS7828 is a classic Successive Approximation Regis-
ter (SAR) A/D converter. The architecture is based on ca-
pacitive redistribution which inherently includes a sample-
and-hold function. The converter is fabricated on a 0.6
µ
CMOS process.
The ADS7828 core is controlled by an internally generated
free-running clock. When the ADS7828 is not performing
conversions or being addressed, it keeps the A/D converter
core powered off, and the internal clock does not operate.
The simplified diagram of input and output for the ADS7828
is shown in Figure 1.
ANALOG INPUT
When the converter enters the hold mode, the voltage on the
selected CHx pin is captured on the internal capacitor array.
The input current on the analog inputs depends on the
conversion rate of the device. During the sample period, the
source must charge the internal sampling capacitor (typically
25pF). After the capacitor has been fully charged, there is no
further input current. The amount of charge transfer from the
analog source to the converter is a function of conversion rate.
REFERENCE
The ADS7828 can operate with an internal 2.5V reference or
an external reference. If a +5V supply is used, an external
+5V reference is required in order to provide full dynamic
range for a 0V to +VDD analog input. This external reference
can be as low as 50mV. When using a +2.7V supply, the
internal +2.5V reference will provide full dynamic range for a
0V to +VDD analog input.
As the reference voltage is reduced, the analog voltage
weight of each digital output code is reduced. This is often
referred to as the LSB (least significant bit) size and is equal
to the reference voltage divided by 4096. This means that
any offset or gain error inherent in the A/D converter will
appear to increase, in terms of LSB size, as the reference
voltage is reduced.
The noise inherent in the converter will also appear to increase
with lower LSB size. With a 2.5V reference, the internal noise
of the converter typically contributes only 0.32LSB peak-to-
peak of potential error to the output code. When the external
reference is 50mV, the potential error contribution from the
internal noise will be 50 times larger—16LSBs. The errors due
to the internal noise are Gaussian in nature and can be
reduced by averaging consecutive conversion results.
DIGITAL INTERFACE
The ADS7828 supports the I2C serial bus and data transmis-
sion protocol, in all three defined modes: standard, fast, and
high-speed. A device that sends data onto the bus is defined
as a transmitter, and a device receiving data as a receiver.
The device that controls the message is called a “master.”
The devices that are controlled by the master are “slaves.”
The bus must be controlled by a master device that gener-
ates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions. The ADS7828
operates as a slave on the I2C bus. Connections to the bus
are made via the open-drain I/O lines SDA and SCL.
Microcontroller
+2.7V to +3.6V
1
µF to
10
µF
+
2k
Ω
2k
Ω
5
Ω
1
µF to
10
µF
+
0.1
µF
ADS7828
REF
IN/
REF
OUT
CH0
V
DD
SDA
SCL
A0
A1
GND
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com