Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828EB2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7828EB2K5
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB2K5 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7828EB2K5 Datasheet HTML 1Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 2Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 3Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 4Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 5Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 6Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 7Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 8Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
12-Bit, 8-Channel Sampling
ANALOG-TO-DIGITAL CONVERTER
with I2C™ Interface
FEATURES
q 8-CHANNEL MULTIPLEXER
q 50kHz SAMPLING RATE
q NO MISSING CODES
q 2.7V TO 5V OPERATION
q INTERNAL 2.5V REFERENCE
q I2C INTERFACE SUPPORTS:
Standard, Fast, and High-Speed Modes
q TSSOP-16 PACKAGE
APPLICATIONS
q VOLTAGE-SUPPLY MONITORING
q ISOLATED DATA ACQUISITION
q TRANSDUCER INTERFACES
q BATTERY-OPERATED SYSTEMS
q REMOTE DATA ACQUISITION
DESCRIPTION
The ADS7828 is a single-supply, low-power, 12-bit data
acquisition device that features a serial I2C interface and an
8-channel multiplexer. The Analog-to-Digital (A/D) converter
features a sample-and-hold amplifier and internal,
asynchronous clock. The combination of an I2C serial,
2-wire interface and micropower consumption makes the
ADS7828 ideal for applications requiring the A/D converter to
be close to the input source in remote locations and for
applications requiring isolation. The ADS7828 is available in
a TSSOP-16 package.
ADS7828
SBAS181C – NOVEMBER 2001 - REVISED MARCH 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SAR
2.5V V
REF
Serial
Interface
SDA
Comparator
S/H Amp
REF
IN/REFOUT
SCL
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
A0
A1
CDAC
8-Channel
MUX
Buffer
®
ADS7828
I2C is a trademark of Koninklijke Philps Electronics N.V. All other trademarks are the property of their respective owners.


Similar Part No. - ADS7828EB2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828EB TI1-ADS7828EB Datasheet
876Kb / 22P
ANALOG-TO-DIGITAL CONVERTER
ADS7828EB TI2-ADS7828EB Datasheet
996Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C™ Interface
REVISED MARCH 2005
ADS7828EB/250 TI-ADS7828EB/250 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828EB/250 TI1-ADS7828EB/250 Datasheet
876Kb / 22P
ANALOG-TO-DIGITAL CONVERTER
ADS7828EB/250 TI2-ADS7828EB/250 Datasheet
996Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C™ Interface
REVISED MARCH 2005
More results

Similar Description - ADS7828EB2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
8-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com