Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5895 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 5895
Description  BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5895 Datasheet(HTML) 5 Page - Allegro MicroSystems

  5895 Datasheet HTML 1Page - Allegro MicroSystems 5895 Datasheet HTML 2Page - Allegro MicroSystems 5895 Datasheet HTML 3Page - Allegro MicroSystems 5895 Datasheet HTML 4Page - Allegro MicroSystems 5895 Datasheet HTML 5Page - Allegro MicroSystems 5895 Datasheet HTML 6Page - Allegro MicroSystems 5895 Datasheet HTML 7Page - Allegro MicroSystems 5895 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5895
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
TYPICAL APPLICATION
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch Contents
Output Contents
Data
Clock
Data
Strobe
Output
Input
Input I1
I2
I3
...
IN-1 IN
Output
Input
I1
I2
I3
...
IN-1 IN
Enable
I1 I2 I3 ... IN-1 IN
HH
R1 R2 ...
RN-2 RN-1
RN-1
LL
R1 R2 ...
RN-2 RN-1
RN-1
XR1 R2 R3 ...
RN-1 RN
RN
XXX...
X
X
X
L
R1 R2 R3 ...
RN-1 RN
P1 P2 P3 ...
PN-1 PN
PN
HP1 P2 P3 ...
PN-1 PN
LP1 P2 P3 ... PN-1 PN
X
X
X
...
X
X
H
L
L
L
... L
L
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
Dwg. No. B-1541
OUTPUT
ENABLE
STROBE
DATA OUT
DATA IN
+ 12 V
CLOCK
TO OTHER SEGMENTS
9
TO
OTHER
DIGITS
VDD
OE
V
BB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHIFT
REGISTER
LATCHES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+ 12 V
DATA OUT
FOR > 8 SEGMENTS
PER DIGIT
OUTPUT ENABLE
(ACTIVE LOW)
CLOCK
DATA IN
STROBE
UCN5895A
UCN5821A
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com