Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5895 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5895
Description  BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5895 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5895 Datasheet HTML 1Page - Allegro MicroSystems 5895 Datasheet HTML 2Page - Allegro MicroSystems 5895 Datasheet HTML 3Page - Allegro MicroSystems 5895 Datasheet HTML 4Page - Allegro MicroSystems 5895 Datasheet HTML 5Page - Allegro MicroSystems 5895 Datasheet HTML 6Page - Allegro MicroSystems 5895 Datasheet HTML 7Page - Allegro MicroSystems 5895 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5895
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
BiMOS II 8-BIT SERIAL INPUT,
LATCHED SOURCE DRIVERS
The UCN5895A, UCN5895EP, and A5895SLW BiMOS II serial-
input, latched source drivers are designed for applications emphasiz-
ing low output saturation voltages and currents to -250 mA per output.
These smart high-side octal, driver ICs merge an 8-bit CMOS shift
register, associated CMOS latches, and CMOS control logic (strobe
and output enable) with medium current emitter-follower (sourcing)
outputs. Typical applications include incandescent or LED displays
(both directly driven and multiplexed), non-impact (i.e., thermal)
printers, relays, and solenoids.
Each device is suitable for high-side applications to -250 mA per
channel. The maximum supply voltage is 50 V and a minimum output
sustaining voltage rating of 35 V for inductive load applications. Under
normal operating conditions, the UCN5895A and UCN5895EP are
capable of providing -120 mA (8 outputs continuous and simultaneous)
at +65
°C with a logic supply of 5 V. Similar devices, with higher output
current ratings, are the UCN5890A and UCN5891A.
BiMOS II devices can operate at greatly improved data-input rates.
With a 5 V supply, they will typically operate at better than 5 MHz.
At 12 V, significantly higher speeds are obtained.
The CMOS inputs provide for minimum loading and are compatible
with standard CMOS, PMOS, and NMOS circuits. TTL or DTL circuits
may require the use of appropriate pull-up resistors to ensure a proper
input-logic high. A CMOS serial data output allows cascading these
devices in multiple drive-line applications required by many dot matrix,
alphanumeric, and bar graph displays.
These devices are rated for continuous operation over the tem-
perature range of -20
°C to +85°C. Because of limitations on package
power dissipation, the simultaneous operation of all output drivers may
require a reduction in duty cycle. The UCN5895A is supplied in a
standard 16-pin dual in-line plastic package with a copper lead frame
for increased allowable package power dissipation. The UCN5895EP
is supplied in a 20-lead plastic leaded chip carrier for minimum area,
surface-mount applications. The A5895SLW is supplied in a 16-lead
wide-body plastic SOIC.
FEATURES
s Low Output-Saturation Voltage
s Source Outputs to 50 V
s Output Current to -250 mA
s To 3.3 MHz Data-lnput Rate
s Low-Power CMOS Logic & Latches
Always order by complete part number, e.g.,
UCN5895A .
UCN5895A
Note the UCN5895A (DIP) and the A5895SLW
(SOIC) are electrically identical and share a common
terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Output Voltage, VOUT . . . . . . . . . . . . . . 50 V
Logic Supply Voltage Range,
VDD . . . . . . . . . . . . . . . . . . 4.5 V to 12 V
Driver Supply Voltage Range,
VBB . . . . . . . . . . . . . . . . . . 5.0 V to 50 V
Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VDD + 0.3 V
Continuous Output Current,
IOUT . . . . . . . . . . . . . . . . . . . . . -250 mA
Allowable Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . -20
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . . -55
°C to +150°C
Caution: CMOS devices have input-static
protection, but are susceptible to damage when
exposed to extremely high static electrical
charges.
5895
2
3
4
5
6
7
8
SERIAL
DATA OUT
SERIAL
DATA IN
OUTPUT
ENABLE
LOGIC
SUPPLY
STROBE
CLOCK
CLK
VDD
ST
OE
1
GROUND
9
10
11
12
13
14
15
16
OUT1
OUT 2
OUT3
Dwg. PP-026-2A
OUT5
OUT6
OUT7
OUT 8
OUT 4
SHIFT
REGISTER
LATCHES
VBB
LOAD
SUPPLY


Similar Part No. - 5895

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
589 BELDEN-589 Datasheet
389Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
589 ADAFRUIT-589 Datasheet
253Kb / 2P
Adafruit Perma-Proto Quarter-sized Breadboard PCB - 3 Pack!
2/23/2015
logo
MG Chemicals
589 MG-CHEMICALS-589 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
logo
Allegro MicroSystems
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
List of Unclassifed Man...
5890 ETC-5890 Datasheet
462Kb / 6P
738A ADEMCO™ INTERFACE
More results

Similar Description - 5895

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5818-F ALLEGRO-5818-F Datasheet
164Kb / 8P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com