Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5895 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5895
Description  BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5895 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5895 Datasheet HTML 1Page - Allegro MicroSystems 5895 Datasheet HTML 2Page - Allegro MicroSystems 5895 Datasheet HTML 3Page - Allegro MicroSystems 5895 Datasheet HTML 4Page - Allegro MicroSystems 5895 Datasheet HTML 5Page - Allegro MicroSystems 5895 Datasheet HTML 6Page - Allegro MicroSystems 5895 Datasheet HTML 7Page - Allegro MicroSystems 5895 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5895
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TIMING CONDITIONS
(VDD = 5.0 V, Logic Levels are VDD and Ground)
A.
Minimum Data Active Time Before Clock Pulse
(Data Set-Up Time) ................................................................. 75 ns
B.
Minimum Data Active Time After Clock Pulse
(Data Hold Time) ..................................................................... 75 ns
C.
Minimum Data Pulse Width ........................................................ 150 ns
D.
Minimum Clock Pulse Width ...................................................... 150 ns
E.
Minimum Time Between Clock Activation and Strobe ............... 300 ns
F.
Minimum Strobe Pulse Width ..................................................... 100 ns
G.
Typical Time Between Strobe Activation and
Output Transition .................................................................... 1.0
µs
Serial Data present at the input is transferred to the shift register
on the logic “0” to logic “1” transition of the CLOCK input pulse. On
succeeding CLOCK pulses, the registers shift data information towards
the SERIAL DATA OUTPUT. The SERIAL DATA must appear at the
input prior to the rising edge of the CLOCK input waveform.
Information present at any register is transferred to its respective
latch when the STROBE is high (serial-to-parallel conversion). The
latches will continue to accept new data as long as the STROBE is
held high. Applications where the latches are bypassed (STROBE tied
high) will require that the OUTPUT ENABLE input be high during serial
data entry.
When the OUTPUT ENABLE input is high, all of the output buffers
are disabled (OFF) without affecting the information stored in the
latches or shift register. With the OUTPUT ENABLE input low, the
outputs are controlled by the state of their respective latches.
Dwg. No. A-12,649A
E
F
CLOCK
DATA IN
STROBE
BLANKING
OUTN
A
D
B
C
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com