Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5895 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5895
Description  BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5895 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5895 Datasheet HTML 1Page - Allegro MicroSystems 5895 Datasheet HTML 2Page - Allegro MicroSystems 5895 Datasheet HTML 3Page - Allegro MicroSystems 5895 Datasheet HTML 4Page - Allegro MicroSystems 5895 Datasheet HTML 5Page - Allegro MicroSystems 5895 Datasheet HTML 6Page - Allegro MicroSystems 5895 Datasheet HTML 7Page - Allegro MicroSystems 5895 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5895
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, VDD = 5 V and 12 V
(unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Max.
Units
Output Leakage Current
IOUT
TA = +25°C
-50
µA
TA = +70°C
-100
µA
Output Saturation Voltage
VCE(SAT)
IOUT = -60 mA
1.1
V
IOUT = -120 mA
1.2
V
Output Sustaining Voltage
VCE(sus)
IOUT = -120 mA, L = 2 mH
35
V
Input Voltage
VIN(1)
VDD = 5.0 V
3.5
5.3
V
VDD = 12 V
10.5
12.3
V
VIN(0)
VDD = 5 V to 12 V
-0.3
+0.8
V
Input Current
IIN(1)
VDD = VIN = 5.0 V
50
µA
VDD = VIN = 12 V
240
µA
Input lmpedance
zIN
VDD = 5.0 V
100
k
VDD = 12 V
50
k
Max. Clock Frequency
fCLK
3.3
MHz
Serial Data-Output
rOUT
VDD = 5.0 V
20
k
VDD = 12 V
6.0
k
Turn-ON Delay
tPLH
Output Enable to Output, IOUT = -120 mA
2.0
µs
Turn-OFF Delay
tPHL
Output Enable to Output, IOUT = -120 mA
10
µs
Supply Current
IBB
All outputs ON, All outputs open
10
mA
All outputs OFF
200
µA
IDD
VDD = 5 V, All outputs OFF, Inputs = 0 V
100
µA
VDD = 12 V, All outputs OFF, Inputs = 0 V
200
µA
VDD = 5 V, One output ON, All inputs = 0 V
1.0
mA
VDD = 12 V, One output ON, All inputs = 0 V
3.0
mA
Diode Leakage Current
IR
VR = 25 V, TA = +25°C—
50
µA
VR = 25 V, TA = +70°C
100
µA
Diode Forward Voltage
VF
IF = 120 mA
2.0
V
Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com