Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5895 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 5895
Description  BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5895 Datasheet(HTML) 8 Page - Allegro MicroSystems

  5895 Datasheet HTML 1Page - Allegro MicroSystems 5895 Datasheet HTML 2Page - Allegro MicroSystems 5895 Datasheet HTML 3Page - Allegro MicroSystems 5895 Datasheet HTML 4Page - Allegro MicroSystems 5895 Datasheet HTML 5Page - Allegro MicroSystems 5895 Datasheet HTML 6Page - Allegro MicroSystems 5895 Datasheet HTML 7Page - Allegro MicroSystems 5895 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5895
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
A5895SLW
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
1
2
3
0.2992
0.2914
0.4133
0.3977
0.419
0.394
0.020
0.013
0.0926
0.1043
0.0040 MIN.
0.0125
0.0091
0.050
0.016
0
° TO 8°
Dwg. MA-008-16A in
0.050
BSC
16
9
9
16
1
2
3
7.60
7.40
10.50
10.10
10.65
10.00
0.51
0.33
2.65
2.35
0.10 MIN.
0.32
0.23
1.27
0.40
0
° TO 8°
Dwg. MA-008-16A mm
1.27
BSC
NOTES:
1. Lead spacing tolerance is non-cumulative.
2. Exact body and lead configuration at vendor’s option
within limits shown.
Allegro MicroSystems, Inc. reserves the right to make, from time to time,
such departures from the detail specifications as may be required to permit
improvements in the design of its products.
The information included herein is believed to be accurate and reliable.
However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor
for any infringements of patents or other rights of third parties which may result
from its use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com