Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2009 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2009
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2009 Datasheet HTML 1Page - Monolithic Power Systems MP2009 Datasheet HTML 2Page - Monolithic Power Systems MP2009 Datasheet HTML 3Page - Monolithic Power Systems MP2009 Datasheet HTML 4Page - Monolithic Power Systems MP2009 Datasheet HTML 5Page - Monolithic Power Systems MP2009 Datasheet HTML 6Page - Monolithic Power Systems MP2009 Datasheet HTML 7Page - Monolithic Power Systems MP2009 Datasheet HTML 8Page - Monolithic Power Systems MP2009 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP2009-ULTRA LOW NOISE, LOW DROPOUT,120mA LINEAR REGULATOR
MP2009 Rev. 1.2
www.MonolithicPower.com
2
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
VOUT(V)
Top Marking
Free Air Temperature
Range (TA)
MP2009EE-1.5
1.5
MP2009EE-1.8
1.8
8B
MP2009EE-2.5
2.5
AQ
MP2009EE-2.6
2.6
MP2009EE-2.7
2.7
MP2009EE-2.8
2.8
MP2009EE-2.85
2.85
MP2009EE-3
3
MP2009EE-3.3
3.3
9U
MP2009EE-4.0
4.0
CG
MP2009EE-4.5
5-SC70
4.5
-20
°C to +85°C
* Available options are identified by those with top marking. For other options, please contact factory to check availability.
PACKAGE REFERENCE
1
2
3
5
4
IN
GND
EN
OUT
NC
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Input Voltage ................................. 6.5V
Power Dissipation, PD @ TA =25°C
(2)
5-SC70 .................................................. 0.385W
Operation Temperature Range ... -20°C to 85°C
Storage Temperature Range ..... -65°C to 150°C
Lead Temperature (Soldering, 10sec) .....300°C
Recommended Operating Conditions
(3)
Supply Input Voltage.......................2.0V to 6.0V
Enable Input Voltage .........................0V to 6.0V
Maximum Junction Temp. (TJ) ................+125°C
Thermal Resistance
(4)
θJA
θJC
5-SC70....................................260.....130
°C/W
Notes:
1) Exceeding these ratings may cause permanent damage to
the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ(MAX), the junction-to-
ambient
thermal
resistance,
θJA,
and
the
ambient
temperature, TA. The maximum allowable power dissipation at
any ambient temperature is calculated using: PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage. Thermal
shutdown engages at TJ=150°C(typ) and disengages at
TJ=130°C (typ).
3) The device is not guaranteed to function outside its operating
conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com