Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2009 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2009
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2009 Datasheet HTML 6Page - Monolithic Power Systems MP2009 Datasheet HTML 7Page - Monolithic Power Systems MP2009 Datasheet HTML 8Page - Monolithic Power Systems MP2009 Datasheet HTML 9Page - Monolithic Power Systems MP2009 Datasheet HTML 10Page - Monolithic Power Systems MP2009 Datasheet HTML 11Page - Monolithic Power Systems MP2009 Datasheet HTML 12Page - Monolithic Power Systems MP2009 Datasheet HTML 13Page - Monolithic Power Systems MP2009 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP2009-ULTRA LOW NOISE, LOW DROPOUT,120mA LINEAR REGULATOR
MP2009 Rev. 1.2
www.MonolithicPower.com
13
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and
thermal
performance.
It
is
highly
recommended to duplicate EVB layout for
optimum performance.
If change is necessary, please follow these
guidelines and take figure 2 for reference.
1)
Input and output bypass ceramic capacitors
are suggested to be put close to the IN Pin
and OUT Pin respectively.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3) Connect IN, OUT and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
MP2009
OUT
GND
VIN
EN
INPUT
2V to 6V
OUTPUT PRESET
1.5V to 4.5V
CIN
1uF
R1
100k
COUT
1uF
Figure 2 —MP2009 Typical Application Circuit
CIN
R1
1
2
34
5
VIN
EN
GND
NC
OUT
COUT
R1
VIN
VOUT
GND
Figure 3—MP2009 Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com