Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2009 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2009
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2009 Datasheet HTML 6Page - Monolithic Power Systems MP2009 Datasheet HTML 7Page - Monolithic Power Systems MP2009 Datasheet HTML 8Page - Monolithic Power Systems MP2009 Datasheet HTML 9Page - Monolithic Power Systems MP2009 Datasheet HTML 10Page - Monolithic Power Systems MP2009 Datasheet HTML 11Page - Monolithic Power Systems MP2009 Datasheet HTML 12Page - Monolithic Power Systems MP2009 Datasheet HTML 13Page - Monolithic Power Systems MP2009 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP2009-ULTRA LOW NOISE, LOW DROPOUT,120mA LINEAR REGULATOR
MP2009 Rev. 1.2
www.MonolithicPower.com
11
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP2009 is an ultra low noise, low dropout,
low-quiescent current linear regulator designed
for space-restricted applications. It is intended for
use in devices that requires very low voltage, low
quiescent current such as wireless LAN, battery-
powered equipment and hand-held equipment.
Internal P-Channel Pass Transistor
The
MP2009
features
a
1.4Ω
P-channel
MOSFET as the pass transistor. It provides
several advantages over similar designs using
PNP pass transistor. The P-channel MOSFET
requires no base drive, which reduces quiescent
current considerably and increase the battery life.
PNP-based
regulators
waste
considerable
current in dropout when the pass transistor
saturates. They also use high base-drive current
under the large load condition. The MP2009 does
not suffer from these problems and consume
only 50µA of quiescent current in light load and
dropout mode.
Dropout Voltage
Dropout voltage is the minimum input to output
differential voltage required for the regulator to
maintain an output voltage within 100mV of its
nominal value. It determines the available end-of-
life battery voltage in battery-powered systems.
For the P-channel MOSFET pass element, the
dropout voltage is a function of drain to source on
resistance. Because the P-channel MOSFET
pass element behaves as a low-value resistor,
the dropout voltage of MP2009 is very low.
Shutdown
The MP2009 can be switched ON or OFF by a
logic input at the EN pin. A high voltage at this
pin will turn the device on. When the EN pin is
low, the regulator output is off. The EN pin should
be tied to VIN to keep the regulator output always
on if the application does not require the
shutdown feature. Do not float the EN pin.
Current Limit and Thermal Protection
The MP2009 includes an independent current
limit structure which monitors and controls the P-
channel MOSFET’s gate voltage to limit the
guaranteed maximum output current to 120mA.
Thermal protection turns off the P-channel
MOSFET when the junction temperature exceeds
+150ºC, allowing the IC to cool. When the IC’s
junction temperature drops by 20ºC, the PMOS
will be turned on again. Thermal protection limits
total power dissipation in the MP2009. For
reliable operation, junction temperature should
be limited to 125 ºC maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com