Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2009 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2009
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2009 Datasheet HTML 2Page - Monolithic Power Systems MP2009 Datasheet HTML 3Page - Monolithic Power Systems MP2009 Datasheet HTML 4Page - Monolithic Power Systems MP2009 Datasheet HTML 5Page - Monolithic Power Systems MP2009 Datasheet HTML 6Page - Monolithic Power Systems MP2009 Datasheet HTML 7Page - Monolithic Power Systems MP2009 Datasheet HTML 8Page - Monolithic Power Systems MP2009 Datasheet HTML 9Page - Monolithic Power Systems MP2009 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP2009-ULTRA LOW NOISE, LOW DROPOUT,120mA LINEAR REGULATOR
MP2009 Rev. 1.2
www.MonolithicPower.com
6
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=2.3V, VOUT=1.8V, CIN=1µF, COUT=1µF, EN=2.3V, Typical Value at TA = 25°C unless otherwise
specified.
Ground Pin Current
vs. VIN
Voltage Accuracy vs.
Temperature
Load Regulation
VIN vs. VOUT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0123456
INPUT VOLTAGE(V)
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0
20
40
60
80
100 120
OUTPUT CURRENT (mA)
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
-20
0
20
40
60
85
Io=120mA
Io=0mA
Dropout Voltage vs.
Output Current
0
50
100
150
200
250
300
0
20406080
100 120
LOAD CURRENT (mA)
0
50
100
150
200
250
300
350
400
0123456
VIN (V)
Ground Pin Current vs.
Output Current
0
50
100
150
200
250
300
0
20
40
60
80
100 120
LOAD CURRENT(mA)
Io=0mA
Io=120mA
Ground Pin Current vs.
Temperature
30
40
50
60
70
80
-20
0
20
40
60
85
PSRR vs. Frequency
IOUT=10mA
Region of Stable Cout ESR
vs. Load Current
10
100
1000
10000 100000 1000000
FREQUENCY(Hz)
STABLE REGION
UNSTABLE REGION
0.01
0.1
1
10
100
1000
0
20
40
60
80 100 120
LOAD CURRENT(mA)
0
10
20
30
40
50
60
70
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com