Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2009 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2009
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2009 Datasheet HTML 1Page - Monolithic Power Systems MP2009 Datasheet HTML 2Page - Monolithic Power Systems MP2009 Datasheet HTML 3Page - Monolithic Power Systems MP2009 Datasheet HTML 4Page - Monolithic Power Systems MP2009 Datasheet HTML 5Page - Monolithic Power Systems MP2009 Datasheet HTML 6Page - Monolithic Power Systems MP2009 Datasheet HTML 7Page - Monolithic Power Systems MP2009 Datasheet HTML 8Page - Monolithic Power Systems MP2009 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2009
Ultra-Low-Noise
Low-Dropout, 120mA Linear Regulator
MP2009 Rev. 1.2
www.MonolithicPower.com
1
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2009 is an ultra low noise, low dropout
linear regulator. The output voltage of MP2009
ranges from 1.5V to 4.5V in 100mV increments
and 1% accuracy by operating from a +2.0V to
+6.0V input. It is designed to deliver up to
120mA continuous output current. It achieves a
low 120mV dropout for full load current.
The MP2009 uses an internal PMOS as the
pass element, which consumes 50µA supply
current at no load condition. New innovative
design techniques make MP2009 achieve ultra-
low output voltage noise of 16µVRMS without a
noise bypass capacitor.
The MP2009 are designed and optimized to
work with low value, low cost ceramic
capacitors in space-limiting and performance
consideration. It requires only 1µF (typ) of
output capacitance for stability with any load.
It is available in a 5-pin SC70 package.
FEATURES
• Space-Saving SC70 Package
• 16µVRMS Output Noise (100Hz to 30kHz) No
Bypass Capacitor Required
• 78dB PSRR at 1kHz
• 120mV Dropout at 120mA Load
• Stable with 1µF Ceramic Capacitor for Any
Load
• Low 50µA Ground Current
• Very Fast Line and Load Transient
Response with Small Input and Output
Capacitor
• Current Limit and Thermal Protection
APPLICATIONS
• Cellular and Cordless Phones
• VCOs
• PDA and Palmtop Computers
• Digital Cameras
• Base Stations
• Wireless LANs
• Bluetooth Portable Radios and Accessories
• Portable and Battery-Powered Equipment
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2009
OUT
GND
VIN
EN
INPUT
2V to 6V
OUTPUT PRESET
1.5V to 4.5V
CIN
1uF
COUT
1uF
OFF
ON


Similar Part No. - MP2009

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2009EE-1.8 MPS-MP2009EE-1.8 Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
More results

Similar Description - MP2009

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
logo
Monolithic Power System...
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Richtek Technology Corp...
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com