Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS12 Datasheet(PDF) 36 Page - Analog Devices

Part # ADV601JS12
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS12 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADV601JS12 Datasheet HTML 32Page - Analog Devices ADV601JS12 Datasheet HTML 33Page - Analog Devices ADV601JS12 Datasheet HTML 34Page - Analog Devices ADV601JS12 Datasheet HTML 35Page - Analog Devices ADV601JS12 Datasheet HTML 36Page - Analog Devices ADV601JS12 Datasheet HTML 37Page - Analog Devices ADV601JS12 Datasheet HTML 38Page - Analog Devices ADV601JS12 Datasheet HTML 39Page - Analog Devices ADV601JS12 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
–36–
REV. 0
ADV601–SPECIFICATIONS
The ADV601 video codec uses a Bi-Orthogonal (7, 9) Wavelet Transform.
RECOMMENDED OPERATING CONDITIONS
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
4.50
5.50
V
TAMB
Ambient Operating Temperature
0
+70
°C
ELECTRICAL CHARACTERISTICS
Parameter
Description
Test Conditions
Min
Max
Unit
VIH
Hi-Level Input Voltage
@ VDD = max
2.0
N/A
V
VIL
Lo-Level Input Voltage
@ VDD = min
N/A
0.8
V
VOH
Hi-level Output Voltage
@ VDD = min, IOH = –0.5 mA
2.4
N/A
V
VOL
Lo-Level Output Voltage
@ VDD = min, IOL = 2 mA
N/A
0.4
V
IIH
Hi-Level Input Current
@ VDD = max, VIN = VDD max
N/A
10
µA
IIL
Lo-Level Input Current
@ VDD = max, VIN = 0 V
N/A
10
µA
IOZH
Three-State Leakage Current
@ VDD = max, VIN = VDD max
N/A
10
µA
IOZL
Three-State Leakage Current
@ VDD = max, VIN = 0 V
N/A
10
µA
CI
Input Pin Capacitance
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C
N/A
8*
pF
CO
Output Pin Capacitance
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C
N/A
8*
pF
*Guaranteed but not tested.
ABSOLUTE MAXIMUM RATINGS*
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
–0.3
+7
V
VIN
Input Voltage
N/A
VDD ± 0.3
V
VOUT
Output Voltage
N/A
VDD
± 0.3
V
TAMB
Ambient Operating Temperature
0
+70
°C
TS
Storage Temperature
–65
+150
°C
TL
Lead Temperature (5 sec) PQFP
N/A
+280
°C
*Stresses greater than those listed above under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional opera-
tion of the device at these or any other conditions above those indicated in the Pin Definitions section of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
SUPPLY CURRENT AND POWER
Parameter
Description
Test Conditions
Min
Max
Unit
IDD
Supply Current (Dynamic)
@ VDD = max, tVCLK_CYC = 37 ns (at 27 MHz VCLK)
0.11
0.27
A
IDD
Supply Current (Soft Reset)
@ VDD = max, tVCLK_CYC = 37 ns (at 27 MHz VCLK)
0.08
0.17
A
IDD
Supply Current (Idle)
@ VDD = max, tVCLK_CYC = None
0.01
0.02
A
ENVIRONMENTAL CONDITIONS
Parameter
Description
Max
Unit
θ
CA
Case-to-Ambient Thermal Resistance
42
°C/W
θ
JA
Junction-to-Ambient Thermal Resistance
60
°C/W
θ
JC
Junction-to-Case Thermal Resistance
18
°C/W
WARNING!
ESD SENSITIVE DEVICE
CAUTION
The ADV601 is an ESD (electrostatic discharge) sensitive device. Electrostatic charges readily
accumulate on the human body and equipment and can discharge without detection. Permanent
damage may occur to devices subjected to high energy electrostatic discharges. Proper ESD
precautions are strongly recommended to avoid functional damage or performance degradation.
The ADV601 latchup immunity has been demonstrated at
≥100 mA/–80 mA on all pins when
tested to industry standard/JEDEC methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com