Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS12 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV601JS12
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS12 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV601JS12 Datasheet HTML 13Page - Analog Devices ADV601JS12 Datasheet HTML 14Page - Analog Devices ADV601JS12 Datasheet HTML 15Page - Analog Devices ADV601JS12 Datasheet HTML 16Page - Analog Devices ADV601JS12 Datasheet HTML 17Page - Analog Devices ADV601JS12 Datasheet HTML 18Page - Analog Devices ADV601JS12 Datasheet HTML 19Page - Analog Devices ADV601JS12 Datasheet HTML 20Page - Analog Devices ADV601JS12 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
ADV601
–17–
REV. 0
DRAM Interface Pins
Name
Pins
I/O
Description
DDAT[15:0]
16
I/O
DRAM Data Bus. The ADV601 uses these pins for 16-bit data read/write
operations to the external 256K
× 16-bit DRAM. (The operation of the DRAM
interface is fully automatic and controlled by internal functionality of the
ADV601.) These pins are compatible with 30 pF loads.
DADR[8:0]
9
O
DRAM Address Bus. The ADV601 uses these pins to form the multiplexed
row/column address lines to the external DRAM. (The operation of the DRAM
interface is fully automatic and controlled by internal functionality of the
ADV601.) These pins are compatible with 30 pF loads.
RAS
1
O
DRAM Row Address Strobe. This pin is compatible with 30 pF loads.
CAS
1
O
DRAM Column Address Strobe. This pin is compatible with 30 pF loads.
WE
1
O
DRAM Write Enable. This pin is compatible with 30 pF loads.
Note that the ADV601 does not have a DRAM
OE pin. Tie the DRAM’s OE
pin to ground.
Serial Port Pins and Timing
DSP Interface Pins
Name
Pins
I/O
Description
TXD
1
O
Serial Transmit Data. Connect this pin to an optional, external DSP’s serial
interface RXData pin. If no DSP is present, this pin may be left unconnected.
This pin is compatible with 30 pF loads.
The TXD pin is for serial data output from the ADV601. Serial data consists of
16-bit words that are transferred most-significant-bit first.
Note that the Mode Control register must be set to indicate whether or not the
external DSP is present.
RXD
1
I
Serial Receive Data. Connect this pin to an optional, external DSP’s serial
interface TXData pin. If no DSP is present, tie this pin to ground. This pin is
compatible with 30 pF loads.
The RXD pin is for serial data input to the ADV601. Serial data consists of 16-
bit words that are transferred most-significant-bit first.
Note that the Mode Control register must be set to indicate whether or not the
external DSP is present.
TCLK
1
O
Serial Data Clock (VCLK/4). Connect this pin to an optional, external DSP’s
serial interface SCLK pin. If no DSP is present, this pin may be left uncon-
nected. This pin is compatible with 30 pF loads.
The TCLK pin is the serial interface clock. Communication in and out of the
ADV601 requires bits of data to be transmitted after a rising edge of TCLK, and
sampled on a falling edge of TCLK. The DSP must be in external bit clock mode
to use TCLK correctly. The codec drives the TCLK frequency at 1/4 VCLK.
Some typical VCLK and TCLK frequencies are as follows:
•
VCLK
TCLK (= 1/4 VCLK)
•
27 MHz
6.75 MHz
•
29.5 MHz
7.375 MHz
•
24.54 MHz
6.135 MHz
Note that the Mode Control register must be set to indicate whether or not the
external DSP is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com