Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS12 Datasheet(PDF) 30 Page - Analog Devices

Part # ADV601JS12
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS12 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV601JS12 Datasheet HTML 26Page - Analog Devices ADV601JS12 Datasheet HTML 27Page - Analog Devices ADV601JS12 Datasheet HTML 28Page - Analog Devices ADV601JS12 Datasheet HTML 29Page - Analog Devices ADV601JS12 Datasheet HTML 30Page - Analog Devices ADV601JS12 Datasheet HTML 31Page - Analog Devices ADV601JS12 Datasheet HTML 32Page - Analog Devices ADV601JS12 Datasheet HTML 33Page - Analog Devices ADV601JS12 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
ADV601
–30–
REV. 0
Table XVII. ADV601 Field and Block Delimiters (Codes)
Code Name
Code
Description (Align all #Delimiter Codes to 32-Bit Boundaries)
#SOF1
0xffffffff40000000
Start of Field delimiter identifies Field1 data. #SOF1 resets the Huffman decoder and
is sufficient on its own to reset the processing of the chip during decode. Please note
that this code or #SOF2 are the only delimiters necessary between adjacent fields.
#SOF1 operates identically to #SOF2 except that during decode it can be used to
differentiate between Field1 and Field2 in the generation of the Field signal (master
mode) and/or SAV/EAV codes for CCIR-656 modes.
#SOF2
0xffffffff41000000
Start of Field delimiter identifies Field2 data. #SOF resets the Huffman decoder and
is sufficient on its own to reset the processing of the chip during decode. Please note
that this code or #SOF1 are the only delimiters necessary between adjacent fields.
#SOF2 operates identically to #SOF1 except that during decode it can be used to
differentiate between Field2 and Field1 in the generation of the Field signal (master
mode) and/or SAV/EAV codes for CCIR-656 modes.
<VITC>
(96 bits)
This is a 12-byte string of data extracted by the video interface during encode opera-
tions and inserted by the video interface into the video data during decode operations.
The data content is 90 bits in length. For a complete description of VITC format, see
pages 175-178 of Video Demystified: A Handbook For The Digital Engineer (listed in
References section).
<TYPE1>
0x81
This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data.
(Model 1 Chroma)
<TYPE2>
0x82
This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data.
(Model 1 Luma)
<TYPE3>
0x83
This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data.
(Model 2 Chroma)
<TYPE4>
0x84
This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data.
(Model 2 Luma)
#SOB1
0xffffffff81
Start of Block delimiter identifies the start of Huffman coded sub-band data. This
#SOB2
0xffffffff82
delimiter will reset the Huffman decoder if a system ever experiences bit errors or gets
#SOB3
0xffffffff83
out of sync. The order of blocks in the frame is fixed and therefore implied in the bit
#SOB4
0xffffffff84
stream and no unique #SOB delimiters are needed per block. There are 41 #SOB
#SOB5
0xffffffff8f
delimiters and associated BW and Huffman data within a field. #SOB1 is differenti-
ated from #SOB2, #SOB3 and #SOB4 in that they indicate which model and
Huffman table was used in the Run Length Coder for the particular block:
#SOB1 Model 1 Chroma
#SOB2 Model 1 Luma
#SOB3 Model 2 Chroma
#SOB4 Model 2 Luma
#SOB5 Zero data block. All data after this delimiter and before the next start of block
delimiter is ignored (if present at all) and assumed zero including the BW value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com