Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS12 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV601JS12
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS12 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV601JS12 Datasheet HTML 7Page - Analog Devices ADV601JS12 Datasheet HTML 8Page - Analog Devices ADV601JS12 Datasheet HTML 9Page - Analog Devices ADV601JS12 Datasheet HTML 10Page - Analog Devices ADV601JS12 Datasheet HTML 11Page - Analog Devices ADV601JS12 Datasheet HTML 12Page - Analog Devices ADV601JS12 Datasheet HTML 13Page - Analog Devices ADV601JS12 Datasheet HTML 14Page - Analog Devices ADV601JS12 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ADV601
–11–
REV. 0
[4]
FIFO Error, FIFOERR. This condition indicates that the host has been unable to keep up with the ADV601’s compressed
data supply or demand requirements. If this condition occurs during encode, the data stream will not be corrupted until
MERR indicates that the DRAM is also overflowed. If this condition occurs during decode, the video output will be
corrupted. If the system overflows the FIFO (disregarding a FIFOSTP condition) with too many writes in decode mode,
FIFOERR is asserted. This read only status bit indicates the following:
0
No FIFO Error condition, reset value (FIFO_ERR pin LO)
1
FIFO overflow (encode) or underflow (decode) (FIFO_ERR pin HI)
[5]
FIFO Stop, FIFOSTP. This condition indicates that the FIFO is full in decode mode and empty in encode mode.
In decode mode only, FIFOSTP status actually behaves more conservatively than this. In decode mode, even when
FIFOSTP is indicated, there are still 32 empty Dwords available in the FIFO and 32 more Dword writes can safely
be performed. This status bit indicates the following:
0
No FIFO Stop condition, reset value (FIFO_STP pin LO)
1
FIFO empty (encode) or full (decode) (FIFO_STP pin HI)
[6]
Memory Error, MERR. This condition indicates that an error has occurred at the DRAM memory interface. This condition can
be caused by a defective DRAM, the inability of the Host to keep up with the ADV601 compressed data stream, or bit errors in
the data stream. Note that the ADV601 recovers from this condition without host intervention.
0
No memory error condition, reset value
1
Memory error
[7]
Reserved (always read/write zero)
[8]
Interrupt Enable on CCIRER, IE_CCIRER. This mask bit selects the following:
0
Disable CCIR-656 data error interrupt, reset value
1
Enable interrupt on error in CCIR-656 data
[9]
Interrupt Enable on STATR, IE_STATR. This mask bit selects the following:
0
Disable Statistics Ready interrupt, reset value
1
Enable interrupt on Statistics Ready
[10]
Interrupt Enable on LCODE, IE_LCODE. This mask bit selects the following:
0
Disable Last Code Read interrupt, reset value
1
Enable interrupt on Last Code Read from FIFO
[11]
Interrupt Enable on FIFOSRQ, IE_FIFOSRQ. This mask bit selects the following:
0
Disable FIFO Service Request interrupt, reset value
1
Enable interrupt on FIFO Service Request
[12]
Interrupt Enable on FIFOERR, IE_FIFOERR. This mask bit selects the following:
0
Disable FIFO Stop interrupt, reset value
1
Enable interrupt on FIFO Stop
[13]
Interrupt Enable on FIFOSTP, IE_FIFOSTP. This mask bit selects the following:
0
Disable FIFO Error interrupt, reset value
1
Enable interrupt on FIFO Error
[14]
Interrupt Enable on MERR, IE_MERR. This mask bit selects the following:
0
Disable memory error interrupt, reset value
1
Enable interrupt on memory error
[15]
Reserved (always read/write zero)
Mode Control Register
Indirect (Write Only) Register Index 0x00
This register holds configuration data for the ADV601’s video interface format and controls several other video interface features.
For more information on formats and modes, see the Video Interface section. Bits in this register have the following functions:
[3:0]
Video Interface Format, VIF[3:0]. These bits select the interface format. Valid settings include the following (all
other values are reserved):
0x0
CCIR-656
0x2
MLTPX (Philips)
0x3
Philips, reset value
0x8
Gray Scale
[4]
VCLK Output Divided by two, VCLK2. This bit controls the following:
0
Do not divide VCLK output (VCLKO = VCLK), reset value
1
Divide VCLK output by two (VCLKO = VCLK/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com