Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS12 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV601JS12
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS12 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV601JS12 Datasheet HTML 44Page - Analog Devices ADV601JS12 Datasheet HTML 45Page - Analog Devices ADV601JS12 Datasheet HTML 46Page - Analog Devices ADV601JS12 Datasheet HTML 47Page - Analog Devices ADV601JS12 Datasheet HTML 48Page - Analog Devices ADV601JS12 Datasheet HTML 49Page - Analog Devices ADV601JS12 Datasheet HTML 50Page - Analog Devices ADV601JS12 Datasheet HTML 51Page - Analog Devices ADV601JS12 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
ADV601
–49–
REV. 0
DSP Interface Timing
The diagram in this section shows transfer timing for one set of video statistics and calculated bin widths as they pass through the
ADV601’s DSP interface. Whenever an ADV601’s serial port is inactive, the codec’s TXD pin is three-stated and the codec ignores
the state of the RXD pin. Figure 41 illustrates the ADV601 serial interface’s signal, sample and frame relationships for the transmit
and receive modes.
Table XXXVII. DSP Read and Write Transfer Timing Parameters
Parameter
Description
Min
Max
Unit
tTCLK_DIRQ_D
DIRQ Signal, Transfer-Receive Cycle Start, Delay
N/A
4
ns
tTCLK_DIRQ_OH
DIRQ Signal, Transfer-Receive Cycle End, Output Hold
3
N/A
ns
tVCLK_TCLK_D
TCLK Signal, Referenced to VCLK, Delay
N/A
11
ns
tTCLK_TF_D
TF Signal, Transfer Frame Reference to TCLK, Delay
N/A
3
ns
tTCLK_TF_OH
TF Signal, Transfer Frame Reference to TCLK, Output Hold
2
N/A
ns
tTCLK_TXD_D
TXD Sample, Transfer Data, Delay (at 27 MHz VCLK)
N/A
24.2
1
ns
tTCLK_TXD_OH
TXD Sample, Transfer Data, Output Hold
2
N/A
ns
tTCLK_RF_S
RF Signal, Receive Frame Referenced to TCLK, Setup
2
N/A
ns
tTCLK_RF_H
RF Signal, Receive Frame Referenced to TCLK, Hold
105
N/A
ns
tTCLK_RXD_S
RXD Sample, Receive Data, Setup
2
N/A
ns
tTCLK_RXD_H
RXD Sample, Receive Data, Hold (at 27 MHz VCLK)
16.8
2
N/A
ns
NOTES
1Maximum t
TCLK_TXD_D varies with VCLK according to the formula: t TCLK_TXD_D (MAX) = 0.5 (VCLK Period) +4.7.
2Minimum t
TCLK_RXD_H varies with VCLK according to the formula: t TCLK_RXD_H (MIN) = 1.5 (VCLK Period) –36.
(O)
DIRQ
DSP CALCULATES BIN WIDTHS
FROM VIDEO STATISTICS
(I) VCLK
(O) TCLK
TCLK PERIOD = 4
· VCLK PERIOD
FIFTY-TWO 16-BIT WORDS TRANSFERRED BY THE ADV601
-- ADV601 REGISTERS 0x06 AND 0x80 THROUGH 0xB2
EIGHTY-FOUR 16-BIT WORDS TRANSFERRED BY THE DSP
-- ADV601 REGISTERS 0x100 THROUGH 0x153
(O) TF
(O) TXD
t
TCLK_TXD_OH
t
TCLK_TXD_D
t
TCLK_RF_S
t
TCLK_RXD_H
t
TCLK_RXD_S
(I) RF
(I) RXD
t
TCLK_DIRQ_OH
t
TCLK_DIRQ_D
t
TCLK_TF_D
t
VCLK_TCLK_D
t
TCLK_RF_H
t
TCLK_TF_OH
Figure 41. DSP Read and Write Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com