Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4949EP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4949EP
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949EP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4949EP Datasheet HTML 2Page - STMicroelectronics L4949EP Datasheet HTML 3Page - STMicroelectronics L4949EP Datasheet HTML 4Page - STMicroelectronics L4949EP Datasheet HTML 5Page - STMicroelectronics L4949EP Datasheet HTML 6Page - STMicroelectronics L4949EP Datasheet HTML 7Page - STMicroelectronics L4949EP Datasheet HTML 8Page - STMicroelectronics L4949EP Datasheet HTML 9Page - STMicroelectronics L4949EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Block diagram and pin description
L4949E
6/19
Doc ID 4275 Rev 6
Table 2.
Pin definitions and functions
Pin N°
Symbol
Function
SO-8
SO-20
119
VS
Input supply voltage. Block to GND via an external
capacitor (see Figure 3).
220
SI
Sense input pin to supervise input voltage. Connect via an
external voltage divider connected to VS and to GND.
31
VZ
Preregulator output voltage. For details, see Section 3.4:
Preregulator.
42
CT
Reset pulse delay adjustment. Connecting this pin via a
capacitor to GND
5
4, 5, 6, 7, 14,
15, 16, 17
GND
Ground reference
610
RES
Reset output. It is pulled down when the output voltage
goes below VRT.
711
SO
Sense output. This open collector pin must be connected to
VOUT via an external resistor. It is pulled down whenever
the SI voltage becomes lower than an internal voltage.
812
VOUT
Output voltage. Block to GND via an external capacitor (see
Figure 3)
-
3, 8, 9, 13, 18
NC
Not connected pins
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com