Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4949EP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4949EP
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949EP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4949EP Datasheet HTML 3Page - STMicroelectronics L4949EP Datasheet HTML 4Page - STMicroelectronics L4949EP Datasheet HTML 5Page - STMicroelectronics L4949EP Datasheet HTML 6Page - STMicroelectronics L4949EP Datasheet HTML 7Page - STMicroelectronics L4949EP Datasheet HTML 8Page - STMicroelectronics L4949EP Datasheet HTML 9Page - STMicroelectronics L4949EP Datasheet HTML 10Page - STMicroelectronics L4949EP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L4949E
Electrical specifications
Doc ID 4275 Rev 6
7/19
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 3.
Absolute maximum ratings(1)
1.
The circuit is ESD protected according to MIL-STD-883C.
Symbol
Parameter
Value
Unit
VSDC
DC operating supply voltage
28
V
VSTR
Transient supply voltage (T < 1s)
40
V
IO
Output current
Internally limited
VO
Output voltage
20
V
VRES, VSO Output voltage
20
V
IRES, ISO Output current
5
mA
VCT
Reset delay voltage
7
V
VSIDC
Sense input voltage
28
V
VZ
Preregulator output voltage
7
V
IZ
Preregulator output current
5
mA
TJ
Junction temperature
-40 to +150
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 4.
Thermal data
Symbol
Description
SO-8
SO20L
Unit
Rth j-amb
Thermal Resistance Junction-ambient (max)
200
50
°C/W
Rth j-pins
Thermal Resistance Junction-pins (max)
15
°C/W
TJSD
Thermal Shutdown Junction temperature
165
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com