Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4949EP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L4949EP
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949EP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L4949EP Datasheet HTML 11Page - STMicroelectronics L4949EP Datasheet HTML 12Page - STMicroelectronics L4949EP Datasheet HTML 13Page - STMicroelectronics L4949EP Datasheet HTML 14Page - STMicroelectronics L4949EP Datasheet HTML 15Page - STMicroelectronics L4949EP Datasheet HTML 16Page - STMicroelectronics L4949EP Datasheet HTML 17Page - STMicroelectronics L4949EP Datasheet HTML 18Page - STMicroelectronics L4949EP Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
L4949E
Package and packing information
Doc ID 4275 Rev 6
15/19
4
Package and packing information
4.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.2
SO-8 TP package information
Table 9.
SO-8 TP mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
a1
0.1
0.25
a2
1.65
a3
0.65
0.85
b
0.35
0.48
b1
0.19
0.25
C
0.25
0.5
c1
45° (typ.)
D(1)
1.
D and F do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm
(.006inch).
4.8
5.0
E
5.8
6.2
e
1.27
e3
3.81
F(1)
3.8
4.0
L
0.4
1.27
M
0.6
S
8° (max.)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com