Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4949EP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4949EP
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949EP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4949EP Datasheet HTML 9Page - STMicroelectronics L4949EP Datasheet HTML 10Page - STMicroelectronics L4949EP Datasheet HTML 11Page - STMicroelectronics L4949EP Datasheet HTML 12Page - STMicroelectronics L4949EP Datasheet HTML 13Page - STMicroelectronics L4949EP Datasheet HTML 14Page - STMicroelectronics L4949EP Datasheet HTML 15Page - STMicroelectronics L4949EP Datasheet HTML 16Page - STMicroelectronics L4949EP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
L4949E
Application information
Doc ID 4275 Rev 6
13/19
3.5
Reset circuit
The block circuit diagram of the reset circuit is shown in Figure 7. The reset circuit
supervises the output voltage.
The reset threshold of 4.5 V is defined with the internal reference voltage and standby
output drivider.
The reset pulse delay time tRD, is defined with the charge time of an external capacitor CT:
The reaction time of the reset circuit originates from the discharge time limitation of the reset
capacitor CT and is proportional to the value of CT.
The reaction time of the reset circuit increases the noise immunity. Standby output voltage
drops below the reset threshold only a bit longer than the reaction time results in a shorter
reset delay time.
The nominal reset delay time is generated for standby output voltage drops longer than
approximately 50ms.
The typical reset output waveforms are shown in Figure 8.
3.6
Sense comparator
The sense comparator compares an input signal with an internal voltage reference of typical
1.23V. The use of an external voltage divider makes this comparator very flexible in the
application.
It can be used to supervise the input voltage either before or after the protection diode and
to give additional informations to the microprocessor like low voltage warnings.
Figure 7.
Block circuit of reset circuit
t
RD
C
T
2V
•
2
μA
---------------------
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com