Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4949EP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4949EP
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949EP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4949EP Datasheet HTML 7Page - STMicroelectronics L4949EP Datasheet HTML 8Page - STMicroelectronics L4949EP Datasheet HTML 9Page - STMicroelectronics L4949EP Datasheet HTML 10Page - STMicroelectronics L4949EP Datasheet HTML 11Page - STMicroelectronics L4949EP Datasheet HTML 12Page - STMicroelectronics L4949EP Datasheet HTML 13Page - STMicroelectronics L4949EP Datasheet HTML 14Page - STMicroelectronics L4949EP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
L4949E
Application information
Doc ID 4275 Rev 6
11/19
required. The modular approach of this device allows to get easily also other features and
functions when required.
3.3
Voltage regulator
The voltage regulator uses an Isolated Collector Vertical PNP transistor as a regulating
element.
Figure 4.
Foldback characteristic of VO
With this structure very low dropout voltage at currents up to 100mA is obtained. The
dropout operation of the standby regulator is maintained down to 3V input supply voltage.
The output voltage is regulated up to the transient input supply voltage of 40V. With this
feature no functional interruption due to overvoltage pulses is generated. The typical curve
showing the standby output voltage as a function of the input supply voltage is shown in
Figure 5. The current consumption of the device (quiescent current) is less than 300 µA.
To reduce the quiescent current peak in the undervoltage region and to improve the
transient response in this region, the dropout voltage is controlled, the quiescent current as
a function of the supply input voltage is shown in Figure 6.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com