Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8902A Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 8902A
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8902A Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 8902A Datasheet HTML 2Page - Allegro MicroSystems 8902A Datasheet HTML 3Page - Allegro MicroSystems 8902A Datasheet HTML 4Page - Allegro MicroSystems 8902A Datasheet HTML 5Page - Allegro MicroSystems 8902A Datasheet HTML 6Page - Allegro MicroSystems 8902A Datasheet HTML 7Page - Allegro MicroSystems 8902A Datasheet HTML 8Page - Allegro MicroSystems 8902A Datasheet HTML 9Page - Allegro MicroSystems 8902A Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8902–A
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
backward, or remain stationary (if in a null-torque position). If the motor
moves, the back-EMF detection circuit waits for the correct polarity
back-EMF zero crossing (output crossing through centertap). True
back-EMF zero crossings are used by the adaptive commutation delay
circuit to advance the state sequencer (commutate) at the proper time
to synchronously run the motor. Back-EMF zero crossings are indi-
cated by FCOM, an internal signal that toggles at every zero crossing.
FCOM is available at the DATA OUT terminal via the programmable
data out multiplexer.
Startup Oscillator. If the motor does not move at the initial startup
state, then it is in a null-torque position. In this case, the outputs are
commutated automatically by the startup oscillator after a period set by
the external capacitor at CST where
tCST =
In the next state, the motor will move, back EMF will be detected,
and the motor will accelerate synchronously. Once normal synchro-
nous back-EMF commutation occurs, the startup oscillator is defeated
by pulses of pulldown current at CST at each commutation, which
prevents CST from reaching its upper threshold and thus completing a
cycle and commutating.
Dwg. WP-016-1
FCOM
FCOM TOGGLES AT
BACK-EMF ZERO CROSSING
SOURCE ON
SINK ON
BACK-EMF VOLTAGE
V
OUTA
V
OUTB
V
OUTC
V
CTAP
4(VCSTH - VCSTL) x CST
IST(charge) + IST(discharge)
Power Outputs. The power outputs of
the A8902CLBA are n-channel DMOS
transistors with a total source plus sink rDS(on)
of typically 1
Ω. Internal charge pump boost
circuitry provides voltage above supply for
driving the high-side DMOS gates. Intrinsic
ground clamp and flyback diodes provide
protection when switching inductive loads and
may be used to rectify motor back-EMF in
power-down conditions. An external Schottky
power diode or pass FET is required in series
with the load supply to allow motor back-EMF
rectification in power down conditions.
Back-EMF Sensing Motor Startup and
Running Algorithm. The A8902CLBA
provides a complete self-contained back-EMF
sensing startup and running commutation
scheme. The three half-bridge outputs are
controlled by a state machine. There are six
possible combinations. In each state, one
output is high (sourcing current), one low
(sinking current), and one is OFF (high
impedance or ‘Z’). Motor back EMF is sensed
at the OFF output. The truth table for the
output drivers sequencing is:
Sequencer
State
OUTA
OUTB
OUTC
1
High
Low
Z
2
Z
Low
High
3
Low
Z
High
4
Low
High
Z
5
Z
High
Low
6
High
Z
Low
At startup, the outputs are enabled in one
of the sequencer states shown. The back
EMF is examined at the OFF output by
comparing the output voltage to the motor
centertap voltage at CENTERTAP. The
motor will then either step forward, step
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com