Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8902A Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8902A
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8902A Datasheet(HTML) 3 Page - Allegro MicroSystems

  8902A Datasheet HTML 1Page - Allegro MicroSystems 8902A Datasheet HTML 2Page - Allegro MicroSystems 8902A Datasheet HTML 3Page - Allegro MicroSystems 8902A Datasheet HTML 4Page - Allegro MicroSystems 8902A Datasheet HTML 5Page - Allegro MicroSystems 8902A Datasheet HTML 6Page - Allegro MicroSystems 8902A Datasheet HTML 7Page - Allegro MicroSystems 8902A Datasheet HTML 8Page - Allegro MicroSystems 8902A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8902–A
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
ELECTRICAL CHARACTERISTICS at TA = +25
°C, V
DD = 5.0 V
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Logic Supply Voltage
VDD
Operating
4.5
5.0
5.5
V
Logic Supply Current
IDD
Operating
—
7.5
10
mA
Sleep Mode
—
250
500
µA
Load Supply Voltage
VBB
Operating
4.0
—
14
V
Thermal Shutdown
TJ
—
165
—
°C
Thermal Shutdown Hysteresis
∆T
J
—
20
—
°C
Output Drivers
Output Leakage Current
IDSX
VBB = 14 V, VOUT = 14 V
—
1.0
300
µA
VBB = 14 V, VOUT = 0 V
—
-1.0
-300
µA
Total Output ON Resistance
rDS(on)
IOUT = 600 mA
—
1.0
1.4
Ω
Output Sustaining Voltage
VDS(sus)
VBB = 14 V, IOUT = IOUT(MAX), L = 3 mH
14
——
V
Clamp Diode Forward Voltage
VF
IF = 1.0 A
—
1.25
1.5
V
Control Logic
Logic Input Voltage
VIN(0)
SECTOR DATA, RESET, CLK,
-0.3
—
1.5
V
VIN(1)
CHIP SELECT, OSC
3.5
—
5.3
V
Logic Input Current
IIN(0)
VIN = 0 V
——
-0.5
µA
IIN(1)
VIN = 5.0 V
——
1.0
µA
DATA Output Voltage
VOUT(0)
IOUT = 500
µA
——
1.5
V
VOUT(1)
IOUT = -500 µA
3.5
——
V
CST Current
ICST
Charging
-9.0
-10
-11
µA
Discharging
—
500
—
µA
CST Threshold
VCSTH
2.25
2.5
2.75
V
VCSTL
0.85
1.0
1.15
V
Filter Current
IFILTER
Charging
-9.0
-10
-11
µA
Discharging
9.0
10
11
µA
Leakage, VFILTER = 2.5 V
——
5.0
nA
Filter Threshold
VFILTERTH
1.57
1.85
2.13
V
CD Current
ICD
Charging
-18
-20
-22
µA
Discharging
32
40
48
µA
CD Current Matching
—
ICD(DISCHRG)/ICD(CHRG)
1.8
2.0
2.2
—
CD Threshold
VCDTH
2.25
2.5
2.75
V
Continued next page …
(Source + Sink + RS)
(CD1 or CD2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com