Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8902A Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8902A
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8902A Datasheet(HTML) 2 Page - Allegro MicroSystems

  8902A Datasheet HTML 1Page - Allegro MicroSystems 8902A Datasheet HTML 2Page - Allegro MicroSystems 8902A Datasheet HTML 3Page - Allegro MicroSystems 8902A Datasheet HTML 4Page - Allegro MicroSystems 8902A Datasheet HTML 5Page - Allegro MicroSystems 8902A Datasheet HTML 6Page - Allegro MicroSystems 8902A Datasheet HTML 7Page - Allegro MicroSystems 8902A Datasheet HTML 8Page - Allegro MicroSystems 8902A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8902–A
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
CURRENT
CONTROL
Dwg. FP-034
22
21
23
17
20
CENTERTAP
10
C WD 3
OSC 16
SECTOR
DATA
14
FILTER
13
C ST
4
C RES
12
BRAKE
11
OUT A
OUT B
OUTC
COMMUTATION
DELAY
C D1
C D2
24
2
WATCHDOG
TIMER
BLANK
FCOM
OUT A
5
OUT B
8
OUTC
9
1
LOAD
SUPPLY
V
BB
CHARGE
PUMP
FREQUENCY-
LOCKED LOOP
SERIAL PORT
MUX
DATA IN
TSD
R
S
15
VDD
LOGIC
SUPPLY
START-UP
OSC.
BOOST
CHARGE
PUMP
BRAKE
18-19
6-7
GROUND
GROUND
50
75
100
125
150
2.5
1.5
1.0
0.5
0
TEMPERATURE in
°C
2.0
25
Dwg. GP-019B
R
= 6
°C/W
θJT
R
= 55
°C/W
θJA
Copyright © 1992, 1995 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com