Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8902A Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # 8902A
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8902A Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button 8902A Datasheet HTML 4Page - Allegro MicroSystems 8902A Datasheet HTML 5Page - Allegro MicroSystems 8902A Datasheet HTML 6Page - Allegro MicroSystems 8902A Datasheet HTML 7Page - Allegro MicroSystems 8902A Datasheet HTML 8Page - Allegro MicroSystems 8902A Datasheet HTML 9Page - Allegro MicroSystems 8902A Datasheet HTML 10Page - Allegro MicroSystems 8902A Datasheet HTML 11Page - Allegro MicroSystems 8902A Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
8902–A
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Dwg. EP-036C
SECTOR
DATA
CHIP SELECT
+5 V
VRET
C
WD
C D2
CD1
RESET
CLOCK
DATA IN
V
BB
C
ST
RES
C
CF2
R F1
CF1
BYPASS
0.22
µF
BYPASS
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
DD
V
BB
V
FLL
MUX
COMMUTATION
DELAY
BOOST
CHARGE
PUMP
OSC (REF)
DATA OUT
FAULT
RB
CB
TYPICAL APPLICATION
BRAKE
FAULT
VBRK
V
– V
FAULT
D
BRAKE
ACTIVATED
Dwg. OP-004
R
B
CB
t
BRK
Braking. A dynamic braking feature of the A8902CLBA shorts the
three motor windings to ground. This is accomplished by turning the
three source drivers OFF and the three sink drivers ON. Activation of
the brake can be implemented through the BRAKE input or through
the D2 bit in the serial port. The supply voltage for the brake circuitry
is the CRES voltage, allowing the brake function to remain active after
power failure. Power-down braking with delay can be implemented by
using an external RC and other components to control the brake
terminal, as shown. Brake delay can be set using the equation below
to ensure that voice-coil head retract occurs before the spindle motor
VBRK
VFAULT - VD
brake is activated. Once the brake is acti-
vated, due to the inherent capacitive input,
the three sink drivers will remain active until
the device is reset.
tBRK = RBCB
1 – ln
Centertap. The A8902CLBA internally
simulates the centertap voltage of the motor.
To obtain reliable start-up performance from
motor to motor, the motor centertap should be
connected to this terminal.
External Component Selection. Appli-
cations information regarding the selection of
external component values is available from
the factory for external component selection,
frequency-locked loop speed control, and
commutation delay capacitor selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com