Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8902A Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 8902A
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8902A Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 8902A Datasheet HTML 4Page - Allegro MicroSystems 8902A Datasheet HTML 5Page - Allegro MicroSystems 8902A Datasheet HTML 6Page - Allegro MicroSystems 8902A Datasheet HTML 7Page - Allegro MicroSystems 8902A Datasheet HTML 8Page - Allegro MicroSystems 8902A Datasheet HTML 9Page - Allegro MicroSystems 8902A Datasheet HTML 10Page - Allegro MicroSystems 8902A Datasheet HTML 11Page - Allegro MicroSystems 8902A Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8902–A
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Dwg. EP-045
SECTOR
FCOM
TACH
D5–D18
D19
D20 &
D21
OSC
REF
4-BIT
FIXED
COUNTER
14-BIT
PROGRAMMABLE
COUNTER
SERIAL PORT
REGISTER
COUNT
(3 x MOTOR POLES)
MUX
÷2
REF
TACH
ERROR
FAST
ONCE-AROUND
PULSE
REF
TACH
ERROR
SLOW
Speed Control. The A8902CLBA includes a frequency-locked
loop speed control system. This system monitors motor speed via
internal or external digital tachometer signals, generates a precision
speed reference, determines the digital speed error, and corrects the
motor current via an internal charge pump and external filtering compo-
nents on the FILTER terminal.
A once per revolution TACH signal can be generated by counting
cycles of FCOM (the number of motor poles must be selected via the
serial port). TACH is then a jitter-free signal that toggles once per
motor revolution. The rising edge of TACH triggers REF, a precision
speed reference derived by a programmable counter. The duration of
REF is set by programming the counter to count the desired number of
OSC cycles
YANK
SPEED-CONTROL
INITIALIZATION
POWER UP
ERROR FAST
FROM FLL
S
Q
R
C
R
C
FILTER
Id
F2
F1
F1
Ic
VDD
ERROR SLOW
FROM FLL
CHARGE
PUMP
ERROR FAST
FROM FLL
Dwg. EP-046
OUT
V
BB
VDD
÷10
SEQUENTIAL
LOGIC
C
RES
BOOST
CHARGE
PUMP
MUX
–
+
LINEAR
CURRENT CONTROL
FROM
SERIAL PORT
REGISTER
D3 AND D4
MAX CURRENT LIMIT
1.85 V
x1
R
S
Current Control. The A8902CLBA provides linear current control
via the FILTER terminal, an analog voltage input. Maximum current
limit is also provided, and is controlled in four steps via the serial port.
Output current is sensed via an internal sense resistor (RS). The
voltage across the sense resistor is compared to one-tenth the voltage
at the FILTER terminal less the filter threshold voltage, or to the maxi-
mum current limit reference, whichever is lower. This transcon-
ductance function is IOUT = (VFILTER -VFILTERTH) / 10RS, where RS is
nominally 0.2
Ω and VFILTERTH is approximately 1.85 V.
desired
total count
=
where the total count (number of oscillator
cycles) is equal to the sum of the selected
(programmed low) count numbers corre-
sponding to bits D5 through D18.
The speed error is detected as the
difference in falling edges of TACH and
REF. The speed error signals control the
error-correcting charge pump on the FILTER
terminal, which drive the external loop com-
pensation components to correct the motor
current.
Sector Mode. An external tachometer
signal, such as sector or index pulses, may
be used to create the TACH signal, rather
than the internally derived once around. To
use this mode, the signal is input to the
SECTOR terminal, and the sector mode must
be enabled via the serial port. When Switch-
ing from the once-around mode to sector
mode, it is important to monitor the SYNC
signal on DATA OUT, and switch modes only
when SYNC is low. This ensures making the
transition without disturbing the speed control
loop. The speed reference counter should be
reprogrammed at the same time.
Speed Loop Initialization (YANK). To
improve the acquire time of the speed control
loop, there is an automatic feature controlled
by an internal YANK signal. The motor is
started at the maximized programmed current
by bypassing the FILTER terminal. The
FILTER terminal is clamped to an internal
reference (the filter threshold voltage),
initializing it near the closed loop operating
point. YANK is enabled at startup and stays
high until the desired speed is reached. Once
the first error-fast occurs, indicating the motor
crossed through the desired speed, YANK
goes low. This releases the clamp on the
FILTER terminal and current control is
returned to FILTER. This feature optimizes
speed acquire and minimizes settling. The
Current Control Block Diagram illustrates the
YANK signal and its effects.
60 x fOSC
desired motor speed (rpm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com