Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS610LSC Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS610LSC
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSC Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS610LSC Datasheet HTML 4Page - Allegro MicroSystems ATS610LSC Datasheet HTML 5Page - Allegro MicroSystems ATS610LSC Datasheet HTML 6Page - Allegro MicroSystems ATS610LSC Datasheet HTML 7Page - Allegro MicroSystems ATS610LSC Datasheet HTML 8Page - Allegro MicroSystems ATS610LSC Datasheet HTML 9Page - Allegro MicroSystems ATS610LSC Datasheet HTML 10Page - Allegro MicroSystems ATS610LSC Datasheet HTML 11Page - Allegro MicroSystems ATS610LSC Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ATS610LSC
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
DEVICE DESCRIPTION — Continued
Dwg. WH-011
V
OUT(SAT)
V
BB
OPERATE
RELEASE
OPERATE
RELEASE
0
Power-On Operation. The device will power on in the
OFF state (output high) irrespective of the magnetic field
condition. The power-on time of the circuit is no greater
than 5000
µs. The circuit is then ready to accurately
detect the first target edge that results in a HIGH-to-LOW
transition.
Under-Voltage Lockout. When the supply voltage is
below the minimum operating voltage (VCC(UV)), the device
is OFF and stays OFF irrespective of the state of the
magnetic field. This prevents false signals, which may be
caused by under-voltage conditions (especially during turn
on), from appearing at the output.
Output. The device output is an open-collector stage
capable of sinking 25 mA. An external pull-up (resistor) to
a supply voltage of not more than 18 V must be supplied.
Superior Performance. The ATS610LSC peak-detecting
differential gear-tooth sensor sub-assembly has several
advantages over conventional Hall-effect gear-tooth
sensors.
Differential vs. Single-Element Sensing. The differen-
tial Hall-element configuration is superior in most applica-
tions to the classical single-element gear-tooth sensor.
The single-element configuration commonly used
(Hall-effect sensor mounted on the face of a simple
permanent magnet) requires the detection of a small
signal (often <100 G) that is superimposed on a large
back-biased field, often 1500 G to 3500 G. For most
gear/target configurations, the back-biased field values
10
20
30
60
-2000
-5000
ANGLE OF TARGET ROTATION IN DEGREES
-2500
-4000
-4500
0
Dwg. GH-061-1
-3500
-3000
T
= 25
°C
A
50
40
TARGET
AIR GAP = 2.5 mm
AIR GAP = 2.0 mm
AIR GAP = 1.5 mm
AIR GAP = 0.5 mm
AIR GAP = 1.0 mm
Single-element flux maps
showing the impact of varying valley widths
change due to concentration effects, resulting in a varying
baseline with air gap, with valley widths, with eccentrici-
ties, and with vibration. The differential configuration
cancels the effects of the back-biased field and avoids
many of the issues presented by the single Hall element.
NOTE — 10 G = 1 mT, exactly.
10
20
30
60
1500
-1500
ANGLE OF TARGET ROTATION IN DEGREES
1000
-500
-1000
0
Dwg. GH-061
0
500
T
= 25
°C
A
50
40
TARGET
AIR GAP = 2.5 mm
AIR GAP = 2.0 mm
AIR GAP = 1.5 mm
AIR GAP = 0.5 mm
AIR GAP = 1.0 mm
Differential flux maps vs. air gaps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com