Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS610LSC Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS610LSC
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSC Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS610LSC Datasheet HTML 1Page - Allegro MicroSystems ATS610LSC Datasheet HTML 2Page - Allegro MicroSystems ATS610LSC Datasheet HTML 3Page - Allegro MicroSystems ATS610LSC Datasheet HTML 4Page - Allegro MicroSystems ATS610LSC Datasheet HTML 5Page - Allegro MicroSystems ATS610LSC Datasheet HTML 6Page - Allegro MicroSystems ATS610LSC Datasheet HTML 7Page - Allegro MicroSystems ATS610LSC Datasheet HTML 8Page - Allegro MicroSystems ATS610LSC Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ATS610LSC
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSOR
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating, TJ < 165°C
5.0
12
24
V
Power-On State
POS
VCC = 0 ¡ 5 V
HIGH
HIGH
HIGH
–
Under-Voltage Lockout
VCC(UV)
IOUT = 20 mA, VCC = 0 ¡ 5 V
–
4.0
–
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA
–
350
600
mV
Output Leakage Current
IOFF
VOUT = 18 V, Output OFF
–
5.0
15
µA
Supply Current
ICC
VCC = 6 V, Output OFF
5.5
7.7
11
mA
VCC = 6 V, Output ON
8.5
10.5
13
mA
Power-On Delay
ton
–
–
200
µs
Output Rise Time
tr
RL = 500 Ω, CL = 10 pF
–
0.2
2.0
µs
Output Fall Time
tf
RL = 500 Ω, CL = 10 pF
–
0.2
2.0
µs
ELECTRICAL CHARACTERISTICS over operating voltage and temperature range.
NOTE: Typical data is at VCC = 12 V and TA = +25°C and is for design information only.
OPERATION over operating voltage and temperature range with reference target (unless
otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Air Gap Range
AG
Operating,
0.4
–
1.5
mm
Target Speed > 20 RPM
Minimum Air Gap
AGmin
Operating, One-Tooth (180
°)
–
0.25
–
mm
Target, Target Speed = 1000 RPM
Maximum Air Gap
AGmax
Operating, One-Tooth (180
°)
–
2.25
–
mm
Target, Target Speed = 1000 RPM
Timing Accuracy
tθ
Target Speed = 1000 RPM,
–
±0.5
±1.0
°
0.4 mm
≤ AG ≤ 1.5 mm
NOTE: Air Gap is defined as the distance from the face of the sensor subassembly to the target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com