Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS610LSC Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS610LSC
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSC Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS610LSC Datasheet HTML 1Page - Allegro MicroSystems ATS610LSC Datasheet HTML 2Page - Allegro MicroSystems ATS610LSC Datasheet HTML 3Page - Allegro MicroSystems ATS610LSC Datasheet HTML 4Page - Allegro MicroSystems ATS610LSC Datasheet HTML 5Page - Allegro MicroSystems ATS610LSC Datasheet HTML 6Page - Allegro MicroSystems ATS610LSC Datasheet HTML 7Page - Allegro MicroSystems ATS610LSC Datasheet HTML 8Page - Allegro MicroSystems ATS610LSC Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ATS610LSC
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSOR
The ATS610LSC gear-tooth sensor is an optimized Hall IC plus
magnet subassembly that provides a user-friendly solution for digital
gear-tooth sensing applications. The subassembly combines in a
compact high-temperature plastic shell, a samarium-cobalt magnet, a pole
piece, a differential Hall-effect IC that has been optimized to the
magnetic circuit, and a voltage regulator. The sensor can be easily
used in conjunction with a wide variety of gear or target shapes and
sizes.
The ATS610LSC is designed to provide increased immunity to
false switching in applications that require the sensing of large-tooth
gears (e.g., crank angle or cam angle). The sensor subassembly is
ideal for use in gathering speed, position, and timing information using
gear-tooth-based configurations.
The gear-sensing technology used for this sensor plus magnet
subassembly is Hall-effect based. The sensor incorporates a
dual-element Hall IC that switches in response to differential magnetic
signals created by the ferrous target. The circuitry contains a patented
track-and-hold peak-detecting circuit to eliminate magnet and system
offset effects. This circuit has the ability to detect relatively fast changes,
such as those caused by gear wobble and eccentricities, and provides
stable operation at extremely low rotation speeds.
FEATURES AND BENEFITS
s
Fully Optimized Differential Digital Gear-Tooth Sensor
s
Single-Chip Sensing IC for High Reliability
s
Extremely Low Timing Accuracy Drift with Temperature
s
Large Operating Air Gaps
s
Small Mechanical Size
s
Optimized Magnetic Circuit
s
Patented Peak-Detecting Filter:
<200
µs Power-On Time
<10 RPM Operation (single-tooth target)
Correct First-Edge Detection
s
Under-Voltage Lockout
s
Wide Operating Voltage Range
s
Defined Power-Up State
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL
HALL-EFFECT GEAR-TOOTH SENSOR
ATS610LSC
Dwg. AH-008
1
2
3
1 = Supply
2 = Output
3 = Ground
ABSOLUTE MAXIMUM RATINGS
over operating temperature range
Supply Voltage, VCC ............................. 24 V
Reverse Supply Voltage,
VRCC (1 minute max.)................... -24 V
Output OFF Voltage, VOUT .................... 18 V
Reverse Output Voltage, VOUT .......... -0.5 V
Continuous Output Current, IOUT ...... 25 mA
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range,
TA ............................... -40°C to +150°C
Storage Temperature, TS ................ +170°C
Always order by complete part number: ATS610LSC .
PRELIMINARY INFORMATION
(subject to change without notice)
September 3, 1998


Similar Part No. - ATS610LSC

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS610LSC ALLEGRO-ATS610LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
More results

Similar Description - ATS610LSC

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS617LSG ALLEGRO-ATS617LSG Datasheet
496Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
Hall effect Gear tooth Sensor
logo
Allegro MicroSystems
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS617 ALLEGRO-ATS617 Datasheet
494Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com