Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS610LSC Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS610LSC
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSC Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS610LSC Datasheet HTML 4Page - Allegro MicroSystems ATS610LSC Datasheet HTML 5Page - Allegro MicroSystems ATS610LSC Datasheet HTML 6Page - Allegro MicroSystems ATS610LSC Datasheet HTML 7Page - Allegro MicroSystems ATS610LSC Datasheet HTML 8Page - Allegro MicroSystems ATS610LSC Datasheet HTML 9Page - Allegro MicroSystems ATS610LSC Datasheet HTML 10Page - Allegro MicroSystems ATS610LSC Datasheet HTML 11Page - Allegro MicroSystems ATS610LSC Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ATS610LSC
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
APPLICATIONS INFORMATION
Gear Diameter and Pitch. Signal frequency is a direct
function of gear pitch and rotational speed (RPM). The
width of the magnetic signal in degrees and, hence, the
signal slope created by the tooth is directly proportional to
the circumference of the gear (
πDo). Smaller diameters
limit the low-speed operation due to the slower rate of
change of the magnetic signal per degree of gear rotation
(here the limitation is the droop of the capacitor versus the
signal change). Larger diameters limit high-speed opera-
tion due to the higher rate of change of magnetic signal
per degree of rotation (here the limitation is the maximum
charge rate of the capacitor versus the rate of signal
change). These devices are optimized for a 50 mm gear
diameter (signal not limited by tooth width) and speeds of
10 RPM to 8000 RPM.
NOTE — In application, the terms “gear” and “target” are
often interchanged. However, “gear” is preferred when
motion is transferred.
Air Gap and Tooth Geometry. Operating specifications
are impacted by tooth width (T), valley width (pc - T) and
depth (ht), gear material, and gear face thickness (F). The
target can be a gear or a specially cut shaft-mounted tone
wheel made of stamped ferrous metal. In general, the
following gear or target guidelines must be followed to
achieve greater than 2 mm air gap from the face of unit:
Tooth width, T .............................. >2 mm
Valley width, pc - T ...................... >2 mm
(Whole) depth, ht ......................... >3 mm
Gear material ............................... low-carbon steel
Gear face width (thickness), F .... >3 mm
Deviation from these guidelines will result in a reduc-
tion of air gap and a deterioration in timing accuracy. For
applications that require the sensing of large-tooth targets,
the optimal sensor choice is the ATS610LSC. Its high
switching thresholds provide increased immunity to false
switching caused by magnetic overshoot and other non-
uniformities in the gear or target.
Operation with Fine-Pitch Gears. For targets with a
circular pitch of less than 4 mm, a performance improve-
ment can be observed by rotating the front face of the
sensor subassembly. This sensor rotation decreases the
effective sensor-to-sensor spacing and increases the
capability of detecting fine tooth or valley configurations,
provided that the Hall elements are not rotated beyond the
width of the target.
Signal Timing Accuracy. The magnetic field profile
width is defined by the sensor element spacing and
narrows in degrees as the target diameter increases. This
results in improved timing accuracy performance for larger
gear diameters (for the same number of gear teeth). The
slope of this magnetic profile also changes with air gap,
resulting in timing accuracy shift with air gap (refer to
typical operating characteristic curves). Valley-to-tooth
transitions will generally provide better accuracy than
tooth-to-valley transitions for large-tooth or large-valley
configurations. For highest accuracy, targets greater than
100 mm in diameter should be used.
Signal Duty Cycle. For repetitive target structures,
precise duty cycle is maintained over the operating air gap
and temperature range due to an extremely good symme-
try in the magnetic switch points of the device. For
nonrepetitive target structures, there will be a small but
measureable change in pulse width versus air gap.
Output Polarity. The output of the device will switch from
HIGH to LOW as the leading edge of the target passes
the subassembly from terminal 3 to terminal 1, which
means that the output will be LOW when the unit is facing
a tooth. If rotation is in the opposite direction (terminal 1
to terminal 3), the output of the device will switch from
LOW to HIGH as the leading edge of the target passes
the subassembly, which means that the output will be
HIGH when the unit is facing a tooth.
Dwg. MH-018-3 mm
2.235
α
TARGET FACE WIDTH, F
>2.235 SIN
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com