Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS610LSC Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS610LSC
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSC Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS610LSC Datasheet HTML 4Page - Allegro MicroSystems ATS610LSC Datasheet HTML 5Page - Allegro MicroSystems ATS610LSC Datasheet HTML 6Page - Allegro MicroSystems ATS610LSC Datasheet HTML 7Page - Allegro MicroSystems ATS610LSC Datasheet HTML 8Page - Allegro MicroSystems ATS610LSC Datasheet HTML 9Page - Allegro MicroSystems ATS610LSC Datasheet HTML 10Page - Allegro MicroSystems ATS610LSC Datasheet HTML 11Page - Allegro MicroSystems ATS610LSC Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ATS610LSC
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSOR
DEVICE DESCRIPTION — Continued
Peak-Detecting vs. AC-Coupled Filters. High-pass
filtering (normal ac coupling) is a commonly used tech-
nique for eliminating circuit offsets. AC coupling has
errors at power up because the filter circuit needs to hold
the circuit zero value even though the circuit may power
up over a large signal. Such filter techniques can only
perform properly after the filter has been allowed to settle,
which is typically greater than one second. Also, high-
pass filter solutions cannot easily track rapidly changing
baselines such as those caused by eccentricities. Peak
detection switches on the change in slope of the signal
and is baseline independent at power up and during
running.
Track-and-Hold Peak Detecting vs. Zero-Crossing
Reference. The usual differential zero-crossing sensors
are susceptible to false switching due to off-center and
tilted installations, which result in a shift in baseline that
changes with air gap. The track-and-hold peak-detection
technique ignores baseline shifts versus air gaps and
provides increased immunity to false switching. In addi-
tion, using track-and-hold peak-detecting techniques,
increased air gap capabilities can be expected because a
peak detector utilizes the entire peak-to-peak signal range
as compared to zero-crossing detectors that switch on
fixed thresholds.
NOTE — “Baseline” refers to the zero-gauss differen-
tial where each Hall-effect element is subject to the
same magnetic field strength.
CRITERIA FOR DEVICE QUALIFICATION
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production. To
become qualified, except for the destructive ESD tests, no failures are permitted.
Test Method and
Samples
Qualification Test
Test Conditions
Test Length
Per Lot
Comments
Temperature Humidity
JESD22-A101,
1000 hrs
48
Device biased for
Bias Life
TA = 85°C, RH = 85%
minimum power
Bias Life
JESD22-A108,
1000 hrs
48
TA = 150°C, TJ = 165°C
(Surge Operating Life)
JESD22-A108,
168 hrs
48
TA = 175°C, TJ = 190°C
Autoclave, Unbiased
JESD22-A102,
96 hrs
48
TA = 121°C, 15 psig
High-Temperature
JESD22-A103,
1000 hrs
48
(Bake) Storage Life
TA = 170°C
Temperature Cycle
JESD22-A104
1000 cycles
60
-55
°C to +150°C
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure
Human Body Model
Reading
test
All leads > 8 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com