Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2603 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2603
Description  Single-Cell 150mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2603 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2603 Datasheet HTML 1Page - Monolithic Power Systems MP2603 Datasheet HTML 2Page - Monolithic Power Systems MP2603 Datasheet HTML 3Page - Monolithic Power Systems MP2603 Datasheet HTML 4Page - Monolithic Power Systems MP2603 Datasheet HTML 5Page - Monolithic Power Systems MP2603 Datasheet HTML 6Page - Monolithic Power Systems MP2603 Datasheet HTML 7Page - Monolithic Power Systems MP2603 Datasheet HTML 8Page - Monolithic Power Systems MP2603 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP2603 – SINGLE CELL 150mA LINEAR LI-ION BATTERY CHARGER
MP2603 Rev. 1.01
www.MonolithicPower.com
3
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current from VIN
ISUPPLY ICHG = 0A
0.5
mA
Input Under Voltage Lockout
Input Falling
1.8
2.3
2.8
V
Battery Reverse Current to
BATT Pin
VBATT = 4V, Input = GND or
Float
2
µA
Battery Voltage Regulation
VBATT
ICHG = 5mA, 0°C < TA < +50°C
4.16
4.20
4.24
V
VIN = 5V, VBATT = 3.8V,
RPGM = 2.5kΩ
135
150
165
mA
VIN = 5V, VBATT = 3.8V,
RPGM = 1.5kΩ – 7.2kΩ,
–20°C < TA < +85°C
90
100
110
%ICHG
Constant Current Regulation
(5)
ICHG
VIN = 5V, VBATT = 3.8V,
7.2kΩ < RPGM ≤ 12.4kΩ
–20°C < TA < +85°C
70
130
%ICHG
Trickle Charge Current
VIN = 5V, VBATT = 2.3V
5
10
15
%ICHG
Trickle Threshold Voltage
2.45
2.60
2.75
V
Trickle Voltage Hysteresis
190
mV
CHGZ Low-to-High Threshold
3
10
17
%ICHG
CHGZ Sink Current
Pin Voltage = 0.2V
5
mA
Dropout Voltage
ICHG = 150mA, VBATT = 3.8V
640
mV
Thermal Limit
(6)
130
°C
Overcharge Protection
VBATT = 4.25V
0
µA
Notes:
5) ICHG is the target preprogrammed charge current (Die temperature below 110°C).
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com