Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2603 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2603
Description  Single-Cell 150mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2603 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2603 Datasheet HTML 1Page - Monolithic Power Systems MP2603 Datasheet HTML 2Page - Monolithic Power Systems MP2603 Datasheet HTML 3Page - Monolithic Power Systems MP2603 Datasheet HTML 4Page - Monolithic Power Systems MP2603 Datasheet HTML 5Page - Monolithic Power Systems MP2603 Datasheet HTML 6Page - Monolithic Power Systems MP2603 Datasheet HTML 7Page - Monolithic Power Systems MP2603 Datasheet HTML 8Page - Monolithic Power Systems MP2603 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP2603 – SINGLE CELL 150mA LINEAR LI-ION BATTERY CHARGER
MP2603 Rev. 1.01
www.MonolithicPower.com
4
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
IPGM
Charge Current Program Pin. Connect to a resistor to program the charge current. Do not
connect a capacitor to this pin.
2
GND
Chip Ground Return. Connect to the system ground.
3
CHGZ
Open-Drain Charge Status Indication Pin. It can be connected through an LED and a 430Ω
resistor to BATT for visual indication or through a 1kΩ resistor to BATT for use with a
microcontroller.
4
IN
Input Supply Pin. Connect to a 5V (±5%) power supply. The maximum surge voltage must be
less than 25V. Decouple this pin with a minimum of 0.1µF ceramic capacitor.
5
BATT
Charger Output. Connect to the battery. Placing a capacitor to GND on this pin is optional.
BLOCK DIAGRAM
BATTERY
CHARGE
CONTROL
2
IPGM
IN
BATT
CHGZ
GND
1
4
5
3
R
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com